Electronic Components Datasheet Search |
|
74AUP2G157GT Datasheet(PDF) 6 Page - NXP Semiconductors |
|
74AUP2G157GT Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 20 page 74AUP2G157_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 2 July 2008 6 of 20 NXP Semiconductors 74AUP2G157 Low-power 2-input multiplexer II input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.1 µA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.2 µA ∆IOFF additional power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V -- ±0.2 µA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V - - 0.5 µA ∆ICC additional supply current VI = VCC − 0.6 V; IO = 0 A; VCC = 3.3 V [1] -- 40 µA CI input capacitance VCC = 0 V to 3.6 V; VI = GND or VCC - 0.6 - pF CO output capacitance VO = GND; VCC = 0 V - 1.3 - pF Tamb = −40 °C to +85 °C VIH HIGH-level input voltage VCC = 0.8 V 0.70 × V CC -- V VCC = 0.9 V to 1.95 V 0.65 × VCC -- V VCC = 2.3 V to 2.7 V 1.6 - - V VCC = 3.0 V to 3.6 V 2.0 - - V VIL LOW-level input voltage VCC = 0.8 V - - 0.30 × VCC V VCC = 0.9 V to 1.95 V - - 0.35 × VCC V VCC = 2.3 V to 2.7 V - - 0.7 V VCC = 3.0 V to 3.6 V - - 0.9 V VOH HIGH-level output voltage VI = VIH or VIL IO = −20 µA; VCC = 0.8 V to 3.6 V VCC − 0.1 - - V IO = −1.1 mA; VCC = 1.1 V 0.7 × VCC -- V IO = −1.7 mA; VCC = 1.4 V 1.03 - - V IO = −1.9 mA; VCC = 1.65 V 1.30 - - V IO = −2.3 mA; VCC = 2.3 V 1.97 - - V IO = −3.1 mA; VCC = 2.3 V 1.85 - - V IO = −2.7 mA; VCC = 3.0 V 2.67 - - V IO = −4.0 mA; VCC = 3.0 V 2.55 - - V VOL LOW-level output voltage VI = VIH or VIL IO = 20 µA; VCC = 0.8 V to 3.6 V - - 0.1 V IO = 1.1 mA; VCC = 1.1 V - - 0.3 × VCC V IO = 1.7 mA; VCC = 1.4 V - - 0.37 V IO = 1.9 mA; VCC = 1.65 V - - 0.35 V IO = 2.3 mA; VCC = 2.3 V - - 0.33 V IO = 3.1 mA; VCC = 2.3 V - - 0.45 V IO = 2.7 mA; VCC = 3.0 V - - 0.33 V IO = 4.0 mA; VCC = 3.0 V - - 0.45 V II input leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V - - ±0.5 µA IOFF power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V - - ±0.5 µA ∆IOFF additional power-off leakage current VI or VO = 0 V to 3.6 V; VCC = 0 V to 0.2 V -- ±0.6 µA Table 7. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
Similar Part No. - 74AUP2G157GT |
|
Similar Description - 74AUP2G157GT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |