Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G240 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP2G240
Description  Low-power dual inverting buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G240 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP2G240 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74AUP2G240_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 June 2009
4 of 20
NXP Semiconductors
74AUP2G240
Low-power dual inverting buffer/line driver; 3-state
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For VSSOP8 packages: above 110
°C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input
Output
nOE
nA
nY
LLH
LH
L
HX
Z
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Similar Part No. - 74AUP2G240

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240DC NEXPERIA-74AUP2G240DC Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GN NEXPERIA-74AUP2G240GN Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GS NEXPERIA-74AUP2G240GS Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GT NEXPERIA-74AUP2G240GT Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
More results

Similar Description - 74AUP2G240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
   Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
   Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
logo
Nexperia B.V. All right...
74LVC2G240-Q100 NEXPERIA-74LVC2G240-Q100 Datasheet
213Kb / 13P
   Dual inverting buffer/line driver; 3-state
74LVC2G240 NEXPERIA-74LVC2G240 Datasheet
284Kb / 17P
   Dual inverting buffer/line driver; 3-state
Rev. 12 - 1 June 2023
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com