Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G157GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AUP2G157GD
Description  Low-power 2-input multiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G157GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP2G157GD Datasheet HTML 2Page - NXP Semiconductors 74AUP2G157GD Datasheet HTML 3Page - NXP Semiconductors 74AUP2G157GD Datasheet HTML 4Page - NXP Semiconductors 74AUP2G157GD Datasheet HTML 5Page - NXP Semiconductors 74AUP2G157GD Datasheet HTML 6Page - NXP Semiconductors 74AUP2G157GD Datasheet HTML 7Page - NXP Semiconductors 74AUP2G157GD Datasheet HTML 8Page - NXP Semiconductors 74AUP2G157GD Datasheet HTML 9Page - NXP Semiconductors 74AUP2G157GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74AUP2G157_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2008
6 of 20
NXP Semiconductors
74AUP2G157
Low-power 2-input multiplexer
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.1
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.2
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.2
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.5
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] --
40
µA
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-
0.6
-
pF
CO
output capacitance
VO = GND; VCC = 0 V
-
1.3
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
× VCC --
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× VCC V
VCC = 0.9 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.6
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP2G157GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G157GN NEXPERIA-74AUP2G157GN Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
74AUP2G157GS NEXPERIA-74AUP2G157GS Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
74AUP2G157GT NEXPERIA-74AUP2G157GT Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
More results

Similar Description - 74AUP2G157GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G157 NXP-74AUP1G157 Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
74AUP1G157 NXP-74AUP1G157_06 Datasheet
82Kb / 16P
   Low-power 2-input multiplexer
Rev. 01-9 November 2006
74AUP1G157 PHILIPS-74AUP1G157_15 Datasheet
264Kb / 20P
   Low-power 2-input multiplexer
Rev. 5-22 June 2012
logo
Nexperia B.V. All right...
74AUP1G157-Q100 NEXPERIA-74AUP1G157-Q100 Datasheet
219Kb / 13P
   Low-power 2-input multiplexer
Rev. 2 - 4 November 2021
74AUP1G157 NEXPERIA-74AUP1G157 Datasheet
267Kb / 17P
   Low-power 2-input multiplexer
Rev. 9 - 18 January 2022
74AUP2G157 NEXPERIA-74AUP2G157 Datasheet
283Kb / 20P
   Low-power 2-input multiplexer
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP1G158 NXP-74AUP1G158 Datasheet
93Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
   Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
logo
Nexperia B.V. All right...
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
   Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com