Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2T1326 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AUP2T1326
Description  Low-power dual supply buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2T1326 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP2T1326 Datasheet HTML 3Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 4Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 5Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 6Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 7Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 8Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 9Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 10Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AUP2T1326_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 1 July 2009
7 of 16
NXP Semiconductors
74AUP2T1326
Low-power dual supply buffer/line driver; 3-state
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 5.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ[1]
Max
Min
Max
CL = 5 pF
tpd
propagation delay
A to 2Y, 3Y; see Figure 3
[2]
VCC(B) = 1.65 V to 1.95 V
1.9
3.2
4.5
1.7
5.0
ns
VCC(B) = 2.3 V to 2.7 V
1.5
2.6
3.4
1.3
3.8
ns
nOE to 1Y; see Figure 3
VCC(A) = 1.65 V to 1.95 V
2.4
4.0
5.4
2.2
6.0
ns
VCC(A) = 2.3 V to 2.7 V
2.2
3.2
3.9
2.0
4.3
ns
CL = 10 pF
tpd
propagation delay
A to 2Y, 3Y; see Figure 3
[2]
VCC(B) = 1.65 V to 1.95 V
2.3
3.8
5.3
2.0
5.8
ns
VCC(B) = 2.3 V to 2.7 V
1.8
3.2
4.1
1.5
4.5
ns
nOE to 1Y; see Figure 3
VCC(A) = 1.65 V to 1.95 V
2.9
4.6
6.1
2.5
6.7
ns
VCC(A) = 2.3 V to 2.7 V
2.5
3.7
4.6
2.2
5.0
ns
CL = 5 pF; VCC(A) = 1.65 V to 1.95 V
ten
enable time
nOE to 2Y, 3Y; see Figure 4
[3]
VCC(B) = 1.65 V to 1.95 V
2.4
4.4
9.7
2.1
10.1
ns
VCC(B) = 2.3 V to 2.7 V
2.2
3.9
8.2
1.9
8.8
ns
tdis
disable time
nOE to 2Y, 3Y; see Figure 4
[4]
VCC(B) = 1.65 V to 1.95 V
2.4
4.5
8.9
2.1
9.4
ns
VCC(B) = 2.3 V to 2.7 V
2.2
3.8
7.8
1.9
8.4
ns
CL = 5 pF; VCC(A) = 2.3 V to 2.7 V
ten
enable time
nOE to 2Y, 3Y; see Figure 4
[3]
VCC(B) = 1.65 V to 1.95 V
2.4
4.0
8.7
2.1
9.0
ns
VCC(B) = 2.3 V to 2.7 V
2.2
3.4
7.2
1.9
7.7
ns
tdis
disable time
nOE to 2Y, 3Y; see Figure 4
[4]
VCC(B) = 1.65 V to 1.95 V
2.4
4.2
7.9
2.1
8.3
ns
VCC(B) = 2.3 V to 2.7 V
2.2
3.5
6.8
1.9
7.3
ns
CL = 10 pF; VCC(A) = 1.65 V to 1.95 V
ten
enable time
nOE to 2Y, 3Y; see Figure 4
[3]
VCC(B) = 1.65 V to 1.95 V
2.9
4.9
11.0
2.5
11.7
ns
VCC(B) = 2.3 V to 2.7 V
2.5
4.4
9.7
2.2
10.5
ns
tdis
disable time
nOE to 2Y, 3Y; see Figure 4
[4]
VCC(B) = 1.65 V to 1.95 V
2.9
5.6
10.8
2.5
11.5
ns
VCC(B) = 2.3 V to 2.7 V
2.5
4.6
9.5
2.2
10.1
ns


Similar Part No. - 74AUP2T1326

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
74AUP2T1326GF NEXPERIA-74AUP2T1326GF Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
More results

Similar Description - 74AUP2T1326

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
logo
NXP Semiconductors
74AUP1T1326 NXP-74AUP1T1326 Datasheet
127Kb / 24P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-20 January 2009
logo
Nexperia B.V. All right...
74AUP1T1326 NEXPERIA-74AUP1T1326 Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
logo
NXP Semiconductors
74AXP1T125GWH NXP-74AXP1T125GWH Datasheet
208Kb / 22P
   Dual supply buffer/line driver; 3-state
Rev. 1-21 December 2015
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com