Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N60 Datasheet(PDF) 2 Page - Diotech Company.

Part # 1N60
Description  SMALL SIGNAL SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1N60 Datasheet(HTML) 2 Page - Diotech Company.

  1N60 Datasheet HTML 1Page - Diotech Company. 1N60 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N60 THRU 1N60P
RATINGS AND CHARACTERISTIC CURVES
FIG. 1-FORWARD CURRENT VERSUS FORWARD
VOLTAGE (TYPICAL VALUES)
0
0.2
0.4
0.6
0.8
1.0V
100
80
60
40
20
0
FIG. 1-FORWARD CURRENT VERSUS FORWARD
VOLTAGE (TYPICAL VALUES)
0
0.2
0.4
0.6
0.8
1.0V
500
400
300
200
100
0
FIG. 2-REVERSE CURRENT VERSUS
CONTINUOUS REVERSE VOLTAGE
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
0
5
10
15
20
25
30V
FIG. 2-REVERSE CURRENT VERSUS
CONTINUOUS REVERSE VOLTAGE
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
5
10
15
20
25
30V
4.0
3.0
2.0
1.0
0
0
1
2
3
4
5
6V
FIG. 3-JUNCTION CAPACITANCE VERSUS
CONTINOUS REVERSE APPLIED VOLTAGE
20
18
16
14
12
10
8
6
0
0
1
2
3
4
5
6V
1N60
1N60P
FIG. 3-JUNCTION CAPACITANCE VERSUS
CONTINOUS REVERSE APPLIED VOLTAGE
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
REVERSE VOLTAGE,VOLTS
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
REVERSE VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS


Similar Part No. - 1N60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N60 ETC-1N60 Datasheet
71Kb / 1P
   GOLD BONDED GERMANIUM DIODE
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
1N60 ZSELEC-1N60 Datasheet
434Kb / 6P
   N-CHANNEL MOSFET
logo
List of Unclassifed Man...
1N60 ETC1-1N60 Datasheet
41Kb / 1P
   JEDEC DO-7 PACKAGE
logo
Tiger Electronic Co.,Lt...
1N60 TGS-1N60 Datasheet
127Kb / 1P
   600V N-Channel MOSFET
More results

Similar Description - 1N60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com