Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N74F827DB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F827DB
Description  10-bit buffer/line driver; non-inverting; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

N74F827DB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button N74F827DB Datasheet HTML 3Page - NXP Semiconductors N74F827DB Datasheet HTML 4Page - NXP Semiconductors N74F827DB Datasheet HTML 5Page - NXP Semiconductors N74F827DB Datasheet HTML 6Page - NXP Semiconductors N74F827DB Datasheet HTML 7Page - NXP Semiconductors N74F827DB Datasheet HTML 8Page - NXP Semiconductors N74F827DB Datasheet HTML 9Page - NXP Semiconductors N74F827DB Datasheet HTML 10Page - NXP Semiconductors N74F827DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74F827_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 29 January 2010
7 of 13
NXP Semiconductors
74F827
10-bit buffer/line driver; non-inverting; 3-state
VM = 1.5 V
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay 3-state output enable time to LOW-level and output disable time from LOW-level
001aal293
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VOH − 0.3 V
VOL + 0.3 V
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OEn input
VI
VOL
VOH
3.5 V
VM
GND
GND
tPZL
tPZH
VM
VM


Similar Part No. - N74F827DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F827DB PHILIPS-N74F827DB Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
More results

Similar Description - N74F827DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com