Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2EZ47D5 Datasheet(PDF) 3 Page - Diotech Company.

Part # 2EZ47D5
Description  2W SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

2EZ47D5 Datasheet(HTML) 3 Page - Diotech Company.

  2EZ47D5 Datasheet HTML 1Page - Diotech Company. 2EZ47D5 Datasheet HTML 2Page - Diotech Company. 2EZ47D5 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2EZ2.7D5 THRU 2EZ200D5
2W SILICON ZENER DIODE
ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)
(Ω)
(mA)
(µA)
(V)
(mA)
Type No.
2EZ62D5
62
8.1
60
2000
0.25
0.5
47.1
29
2EZ68D5
68
7.4
75
2000
0.25
0.5
51.7
27
2EZ75D5
75
6.7
90
2000
0.25
0.5
56.0
24
2EZ82D5
82
6.1
100
3000
0.25
0.5
62.2
22
2EZ91D5
91
5.5
125
3000
0.25
0.5
69.2
20
2EZ100D5
100
5.0
175
3000
0.25
0.5
76.0
18
2EZ110D5
110
4.5
250
4000
0.25
0.5
83.6
17
2EZ120D5
120
4.2
325
4500
0.25
0.5
91.2
15
2EZ130D5
130
3.8
400
5000
0.25
0.5
98.8
14
2EZ140D5
140
3.6
500
5500
0.25
0.5
106.4
13
2EZ150D5
150
3.3
575
6000
0.25
0.5
114.0
12
2EZ160D5
160
3.1
650
6500
0.25
0.5
121.6
11
2EZ170D5
170
2.9
675
7000
0.25
0.5
130.4
11
2EZ180D5
180
2.8
725
7000
0.25
0.5
136.8
10
2EZ190D5
190
2.6
825
8000
0.25
0.5
144.8
10
2EZ200D5
200
2.5
1900
9990
0.25
0.5
152
9.0
Notes :
(1) Suffix " 5 " indicates
± 5% tolerance, suffix " 10 " indicates ±10% tolerance.
(2) " EZ " will be omitted in marking on the diode


Similar Part No. - 2EZ47D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
2EZ47D5 EIC-2EZ47D5 Datasheet
27Kb / 2P
   SILICON ZENER DIODES
logo
First Silicon Co., Ltd
2EZ47D5 FS-2EZ47D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
SynSemi, Inc.
2EZ47D5 SYNSEMI-2EZ47D5 Datasheet
37Kb / 2P
   SILICON ZENER DIODES
logo
Formosa MS
2EZ47D5 FORMOSA-2EZ47D5 Datasheet
473Kb / 2P
   SILICON ZENER DIODES
logo
Microsemi Corporation
2EZ47D5 MICROSEMI-2EZ47D5 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
More results

Similar Description - 2EZ47D5

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SZ403G DIOTECH-SZ403G Datasheet
755Kb / 2P
   2W SURFACE MOUNT SILICON ZENER DIODE
logo
Shenzhen Luguang Electr...
2EZ LUGUANG-2EZ Datasheet
1Mb / 2P
   2W Silicon Zener Diodes
logo
STMicroelectronics
BZV47C62 STMICROELECTRONICS-BZV47C62 Datasheet
293Kb / 4P
   2W silicon Zener diodes
logo
Jinan Jing Heng Electro...
2EZ200D5 JINGHENG-2EZ200D5 Datasheet
71Kb / 2P
   2W SILICON PLANAR ZENER DIODES
ZY200 JINGHENG-ZY200 Datasheet
72Kb / 2P
   2W SILICON PLANAR ZENER DIODES
logo
STMicroelectronics
BZV47C5V1 STMICROELECTRONICS-BZV47C5V1 Datasheet
61Kb / 4P
   2W ZENER DIODES
logo
New Jersey Semi-Conduct...
BZV47C5V1 NJSEMI-BZV47C5V1 Datasheet
194Kb / 3P
   2W ZENER DIODES
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com