Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ18CA Datasheet(PDF) 3 Page - Diotech Company.

Part # SMCJ18CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMCJ18CA Datasheet(HTML) 3 Page - Diotech Company.

  SMCJ18CA Datasheet HTML 1Page - Diotech Company. SMCJ18CA Datasheet HTML 2Page - Diotech Company. SMCJ18CA Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3.0SMCJ5.0 THRU 3.0SMCJ170CA
RATINGS AND CHARACTERISTIC CURVES
t - Time(ms)
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is
defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 Pulse Waveform
4.0
50
Half Value-
IPPM
100
3.0
0
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Fig.2 Pulse Derating Curve
TA - Ambient Temperature (°C)
0.1
1
10
100
10ms
0.1µ
1.0µ
10µs
100µs
1.0ms
td - Pulse Width
Fig.1 Peak Pulse Power Rating
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
10
100
1000
10000
5
Fig.4 Typical Junction Capacitance
VWM - Reverse Stand-Off Voltage (V)
Unidirectional
Bidirectional
f = 1MHz
Vsig = 50mVp-p
TJ = 25°C
VR = 0
500
100
VR = Rated
Stand-off Voltage
10
100
150
200
250
300
1
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.1
1
10
100
1000
0.00
0.01
0.1
10
100
td - Pulse Duration (sec.)
1
Fig.5 Type Transient ThermalImpedance
Number of Cycles at 60 HZ
Fig.6 Maximum Non-repetitive ForwardSurge current


Similar Part No. - SMCJ18CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ18CA FAIRCHILD-SMCJ18CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Micro Commercial Compon...
SMCJ18CA MCC-SMCJ18CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
MDE Semiconductor, Inc.
SMCJ18CA MDE-SMCJ18CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SMCJ18CA CHENDA-SMCJ18CA Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
SMCJ18CA RUILON-SMCJ18CA Datasheet
933Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMCJ18CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com