Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL4760A Datasheet(PDF) 2 Page - Diotech Company.

Part # DL4760A
Description  1W EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

DL4760A Datasheet(HTML) 2 Page - Diotech Company.

  DL4760A Datasheet HTML 1Page - Diotech Company. DL4760A Datasheet HTML 2Page - Diotech Company. DL4760A Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DL4728A THRU DL4764A
1W EPITAXIAL ZENER DIODE
Notes:
1. Measured under thermal equilibrium and DC (IZT) test conditions.
2. The Zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to
10% of the Zener current (IZT or IZK) is superimposed on IZTor IZK .Zener impedance is measured at two points to insure a
sharp knee on the breakdown curve and to eliminate unstable units.
Type
Number
Nominal
Zener
Voltage (1)
Test
Current
Maximum Zener Impedance (2)
Maximum Reverse
Leakage Current
Max Surge
Current
8.3ms
Maximum
Zener
Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
IZS
IZM
V
mA
mA
µA
V
mA
mA
DL4728A
3.3
76
10
400
1.0
100
1.0
1380
276
DL4729A
3.6
69
10
400
1.0
100
1.0
1260
252
DL4730A
3.9
64
9.0
400
1.0
50
1.0
1190
234
DL4731A
4.3
58
9.0
400
1.0
10
1.0
1070
217
DL4732A
4.7
53
8.0
500
1.0
10
1.0
970
193
DL4733A
5.1
49
7.0
550
1.0
10
1.0
890
178
DL4734A
5.6
45
5.0
600
1.0
10
2.0
810
162
DL4735A
6.2
41
2.0
700
1.0
10
3.0
730
146
DL4736A
6.8
37
3.5
700
1.0
10
4.0
660
133
DL4737A
7.5
34
4.0
700
0.5
10
5.0
605
121
DL4738A
8.2
31
4.5
700
0.5
10
6.0
550
110
DL4739A
9.1
28
5.0
700
0.5
10
7.0
500
100
DL4740A
10
25
7.0
700
0.25
10
7.6
454
91
DL4741A
11
23
8.0
700
0.25
5.0
8.4
414
83
DL4742A
12
21
9.0
700
0.25
5.0
9.1
380
76
DL4743A
13
19
10
700
0.25
5.0
9.9
344
69
DL4744A
15
17
14
700
0.25
5.0
11.4
304
61
DL4745A
16
15.5
16
700
0.25
5.0
12.2
285
57
DL4746A
18
14
20
750
0.25
5.0
13.7
250
50
DL4747A
20
12.5
22
750
0.25
5.0
15.2
225
45
DL4748A
22
11.5
23
750
0.25
5.0
16.7
205
41
DL4749A
24
10.5
25
750
0.25
5.0
18.2
190
38
DL4750A
27
9.5
35
750
0.25
5.0
20.6
170
34
DL4751A
30
8.5
40
1000
0.25
5.0
22.8
150
30
DL4752A
33
7.5
45
1000
0.25
5.0
25.1
135
27
DL4753A
36
7.0
50
1000
0.25
5.0
27.4
125
25
DL4754A
39
6.5
60
1000
0.25
5.0
29.7
115
23
DL4755A
43
6.0
70
1500
0.25
5.0
32.7
110
22
DL4756A
47
5.5
80
1500
0.25
5.0
35.8
95
19
DL4757A
51
5.0
95
1500
0.25
5.0
38.8
90
18
DL4758A
56
4.5
110
2000
0.25
5.0
42.6
80
16
DL4759A
62
4.0
125
2000
0.25
5.0
47.1
70
14
DL4760A
68
3.7
150
2000
0.25
5.0
51.7
65
13
DL4761A
75
3.3
175
2000
0.25
5.0
56.0
60
12
DL4762A
82
3.0
200
3000
0.25
5.0
62.2
55
11
DL4763A
91
2.8
250
3000
0.25
5.0
69.2
50
10
DL4764A
100
2.5
350
3000
0.25
5.0
76.0
45
9.0


Similar Part No. - DL4760A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4760A RECTRON-DL4760A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Shenzhen Luguang Electr...
DL4760A LUGUANG-DL4760A Datasheet
496Kb / 3P
   Zener Diode
logo
Formosa MS
DL4760A FORMOSA-DL4760A Datasheet
82Kb / 3P
   Zener diode
logo
First Components Intern...
DL4760A FCI-DL4760A Datasheet
104Kb / 2P
   1 Watt [3.3~100V] ZENER DIODES Junction Temp.
logo
Formosa MS
DL4760A FORMOSA-DL4760A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - DL4760A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
1N4728A DIOTECH-1N4728A Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
ZM4728A DIOTECH-ZM4728A Datasheet
901Kb / 3P
   1W EPITAXIAL ZENER DIODE
1N4729A DIOTECH-1N4729A Datasheet
946Kb / 3P
   1W EPITAXIAL ZENER DIODE
logo
Jinan Gude Electronic D...
1N4728A JGD-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
DIYI Electronic Technol...
1SMA4728A DYELEC-1SMA4728A Datasheet
107Kb / 1P
   ZENER DIODE 1W
logo
List of Unclassifed Man...
1N4728A ETC-1N4728A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Shenzhen Taychipst Elec...
1N5221B TAYCHIPST-1N5221B Datasheet
4Mb / 2P
   EPITAXIAL ZENER DIODE
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com