Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT692B Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FZT692B
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT692B Datasheet(HTML) 1 Page - Zetex Semiconductors

  FZT692B Datasheet HTML 1Page - Zetex Semiconductors FZT692B Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT223 NPN SILICON PLANAR MEDIUM
POWER HIGH GAIN TRANSISTOR
ISSUE 3 - OCTOBER 1995
FEATURES
* High Gain + Very low saturation voltage
APPLICATIONS
* Darlington replacement
* Relay drivers, DC-DC converters
PARTMARKING DETAIL -
FZT692B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
70
V
Collector-Emitter Voltage
VCEO
70
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
5A
Continuous Collector Current
IC
2A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT TEST CONDITIONS.
BreakdownVoltages
V(BR)CBO 70
V
IC=100µA
V(BR)CEO 70
V
IC=10mA*
V(BR)EBO 5V
IE=100µA
Cut-Off Currents
ICBO
0.1
µ
A
VCB=55V
IEBO
0.1
µ
A
VEB=4V
Saturation Voltages
VCE(sat)
0.15
0.5
0.5
V
V
V
IC=0.1A, IB=0.5mA*
IC=1A, IB=10mA*
IC=2A, IB=200mA*
VBE(sat)
0.9
V
IC=1A, IB=10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
0.9
V
IC=1A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
500
400
150
IC=100mA,VCE=2V*
IC=500mA, VCE =2V*
IC=1A,VCE=2V*
Transition Frequency
fT
150
MHz IC=50mA, VCE=5V, f=50MHz
Input Capacitance
Cibo
200
pF
VEB=0.5V, f=1MHz
Output Capacitance
Cobo
12
pF
VCB=10V, f=1MHz
Switching Times
ton
toff
46
1440
ns
ns
IC=500mA, IB1=50mA
IB2=50mA, VCC=10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT692B
FZT692B
C
C
E
B
3 - 224
3 - 223
-55°C
+25°C
+100°C
+175°C
+100°C
+25°C
-55°C
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
0.4
0.2
0
0.8
0.6
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
VCE=2V
VCE=2V
1.5K
1K
500
Tamb=25°C
IC/IB=100
-55°C
+25°C
+100°C
+175°C
0
0
-55°C
+25°C
+100°C
+175°C
IC/IB=100
IC/IB=10
IC/IB=200
IC/IB=100
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
0.1
10


Similar Part No. - FZT692B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT692B KEXIN-FZT692B Datasheet
37Kb / 2P
   NPN Silcon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT692B DIODES-FZT692B Datasheet
104Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT692B DIODES-FZT692B Datasheet
1Mb / 7P
   70V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
logo
Micro Commercial Compon...
FZT692B MCC-FZT692B Datasheet
556Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Nanjing International G...
FZT692B DGNJDZ-FZT692B Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results

Similar Description - FZT692B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX696B DIODES-ZTX696B Datasheet
64Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
   NPN Silicon Planar Medium Power High Gain Transistor
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Zetex Semiconductors
FZT1049A ZETEX-FZT1049A Datasheet
99Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT1053A ZETEX-FZT1053A Datasheet
63Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com