Electronic Components Datasheet Search |
|
RV24YGMF20SB103K Datasheet(PDF) 7 Page - TOCOSAMERICA, INC. |
|
RV24YGMF20SB103K Datasheet(HTML) 7 Page - TOCOSAMERICA, INC. |
7 / 7 page TOCOS AMERICA, INC. 1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com Part Numbering System RV24 Series Resistance ( Ω) 050 100 200 500 Resistance ( Ω) 1,000 2,000 5,000 Resistance ( Ω) 10,000 20,000 50,000 Resistance ( Ω) 100,000 200,000 500,000 Resistance ( Ω) 1,000,000 2,000,000 Code 500 101 201 501 Code 102 202 502 Code 103 203 503 Code 104 204 504 Code 105 205 Standard Nominal Total Resistance Values and Part Numbering Codes Standard Resistance Values and Part Numbering Codes Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls. RV Y 24 103 K T N ME S B 20 Resistance Tolerance: K = 10% (standard). Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10 Ω;101 = 100Ω;102 = 1,000Ω; 103 = 10,000 Ω;105 = 1,000,000Ω). See table for standard resistance values. For Single Unit: Specify taper and resistance code as shown. For Ganged Tandem Unit or Dual Unit: Specify a taper code and resistance code for each unit starting with the front unit followed by the rear unit. If both units have the same taper and resistance codes, add “ X2” suffix per example below. Examples: B103A503 or if both units are the same: B103X2 For Triple Unit: Specify a taper code and resistance code for each unit starting with the front unit followed by the middle and rear units. If all units have the same taper and resistance codes, add “ X3” suffix per example below. Examples: B103A503B104 or if all units are the same: B103X3 Resistance Taper: B = Linear. A = CW Audio (logarithm). C = CCW Audio (logarithm). Shaft End Style: S = Slotted; F = Flatted; R = Round. For Single Shaft: Specify the shaft length (FMS) and shaft end style as shown. For Dual Concentric Shaft: Specify the shaft length (FMS) and shaft end style for the inner shaft followed by the shaft length (FMS) and shaft end style for the outer shaft. Use a dash (-) to separate the code groups for the inner and outer shaft specifications. Example: 30R-20R Standard Shaft Length: 15 = 15 mm FMS. 20 = 20mm FMS. Up to 50mm shaft length available (special order ). Switch Type: ME = SPDT, 110VAC, 1A, Rear Exit Lug Terminals. MF = SPDT, 110VAC, 3A, Rear Exit Lug Terminals. SE = SPST, 110VAC, 1A, Rear Exit Lug Terminals. SF = SPST, 110VAC, 3A, Rear Exit Lug Terminals. Blank = No Switch. Style: N = Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug Terminals. L = Panel Mount, Single Unit, Single Shaft with Shaft Lock, Right Angle Ear-Lug Terminals. G = Panel Mount, Ganged Tandem Unit, Single Shaft, Right Angle Ear-Lug Terminals on Each Unit. GL = Panel Mount, Ganged Tandem Unit, Single Shaft with Shaft Lock, Right Angle Ear-Lug Terminals on Each Unit. T = Panel Mount, Triple Unit, Single Shaft, Right Angle Ear-Lug Terminals on Each Unit. D = Panel Mount, Dual Unit, Dual Concentric Shaft, Right Angle Ear-Lug Terminals on Each Unit. Operating Temperature Range: Y = 10 C to 85 C. Size: 24 = 24mm Diameter. Center Tap: T = With Tap; Blank = Without Tap. TOCOS Series Name: RV = Carbon Film Element. NOTE: FMS = From Mounting Surface 41 |
Similar Part No. - RV24YGMF20SB103K |
|
Similar Description - RV24YGMF20SB103K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |