Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU804 Datasheet(PDF) 1 Page - Diotech Company.

Part # KBU804
Description  SINGLE PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

KBU804 Datasheet(HTML) 1 Page - Diotech Company.

  KBU804 Datasheet HTML 1Page - Diotech Company. KBU804 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU8005 THRU KBU810
SINGLE PHASE SILICON BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 8.0 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Ideal for printed circuit board
High case dielectric strength
High temperature soldering guaranteed:
260°C/10 seconds at 5lbs. (2.3kg) tension
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
Terminals: Plated leads solderable per
MIL-STD 202, method 208
Mounting Position: Any
Marking: Type Number
Surge overload rating: 300A peak
Dimensions in inches and (millimeters)
KBU
.935(23.7)
.895(22.7)
.600(16.8)
.700(17.8)
300
(7.5)
.780(19.8)
.740(18.8)
(25.4)
1.00 MIN.
.052(1.3)DIA.
.048(1.2)TYP.
.071(1.8)
.087(2.2)
.220(5.6)
.180(4.6)
.256(6.5)
.276(7.0)
.15 X23L
(3.8 X5.7L)
HOLE THRU
.157(4.0)*45°
Characteristic
Symbol
KBU
8005
KBU
801
KBU
802
KBU
804
KBU
806
KBU
808
KBU
810
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 100°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
300
A
Forward Voltage (per element)
@IF = 4.0A
VFM
1.0
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
Rating for Fusing (t < 8.3ms) (Note 1)
I2t
A2s
Typical Thermal Resistance (Note 2)
R JC
7.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Non-repetitive for t > 1ms and < 8.3ms.
2. Thermal resistance junction to case per element mounted on PC board with 13.0x13.0x0.03mm thick land areas.
373


Similar Part No. - KBU804

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU804 WTE-KBU804 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
KBU804 SAMYANG-KBU804 Datasheet
500Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
KBU804 RFE-KBU804 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
DONGGUAN YOU FENG WEI E...
KBU804 YFWDIODE-KBU804 Datasheet
478Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU804 JGD-KBU804 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU804

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com