Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY-12-K Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # SY-12-K
Description  MINIATURE RELAY 1 POLE-1 to 2A (FOR SIGNAL SWITCHING)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SY-12-K Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  SY-12-K Datasheet HTML 1Page - Fujitsu Component Limited. SY-12-K Datasheet HTML 2Page - Fujitsu Component Limited. SY-12-K Datasheet HTML 3Page - Fujitsu Component Limited. SY-12-K Datasheet HTML 4Page - Fujitsu Component Limited. SY-12-K Datasheet HTML 5Page - Fujitsu Component Limited. SY-12-K Datasheet HTML 6Page - Fujitsu Component Limited. SY-12-K Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image

SY SERIES
n
SPECIFICATIONS
Item
SY-(
) -K (Single)
SY-(
) W - K (Bifurcated)
Contact
Arrangement
formC(SPDT)
Material
Goldoverlaysilverpalladium
Configuration
Single (cross bar)
Bifurcated (cross bar)
Resistance (initial)
Maximum 100 mΩ (at 1 A 6 VDC)
Rating(resistive)
0.5A20VACorA24VDC
MaximumCarryingCurrent
2A
MaximumSwitchingPower
60AV,24W
MaximumSwitchingVoltage
20VAC/60VDC
MaximumSwitchingCurrent
A
MinimumSwitchingLoad*
mAVDC0.mA00mVDC
Capacitance(at0MHz)
Approximately.4pF(betweenopencontacts)
Approximately5.0pF(betweencoilandcontacts)
Coil
NominalPower(at20°C)
50to75mW
OperatePower(at20°C)
75to86mW
Operating Temperature
–30°C to +90°C (no frost)/18 V coil: +85°C, 24 V coil: +80°C
TimeValue Operate(atnominalvoltage)
Maximum5ms
Release(atnominalvoltage)
Maximum2ms
Life
Mechanical
5×06operationsminimum
Electrical(atcontactrating)
×05operationsminimum
Other
VibrationMisoperation
0to55Hz(doubleamplitudeof.5mm)
ResistanceEndurance
0to55Hz(doubleamplitudeof.5mm)
ShockMisoperation
00m/s2(±ms)
ResistanceEndurance
,000m/s2(6±ms)
Weight
Approximately.7g
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditionsand
expectedreliabilitylevels.
Item
Single
Bifurcated
Resistance(initial)
Minimum 1,000 MΩ (500VDC) Minimum 1,000 MΩ (250VDC)
Dielectric
Strength
opencontacts
400VACmin.
00VACmin.
coilandcontacts
,000VACmin.
SurgeVoltage
500V(coil-contact)(0/60µsstandardwave)
n
INSULATION


Similar Part No. - SY-12-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
logo
FOTEK CONTROLS CO., LTD...
SY-2D FOTEK-SY-2D Datasheet
214Kb / 1P
   DIGITAL POWER ON DELAY TIMER
SY-3D FOTEK-SY-3D Datasheet
214Kb / 1P
   DIGITAL POWER ON DELAY TIMER
SY-4D FOTEK-SY-4D Datasheet
214Kb / 1P
   DIGITAL POWER ON DELAY TIMER
logo
Nel Frequency Controls,...
SY-A6A70 NEL-SY-A6A70 Datasheet
28Kb / 2P
   Frequency Selectable Differential Sine Wave
More results

Similar Description - SY-12-K

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR20H FUJITSU-FBR20H Datasheet
43Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
SY-24-K FUJITSU-SY-24-K Datasheet
189Kb / 8P
   MINIATURE RELAY 1 POLE - 1 to 2 A (For Signal Switching)
FBR211 FUJITSU-FBR211_09 Datasheet
398Kb / 7P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
FBR20 FUJITSU-FBR20 Datasheet
45Kb / 4P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
MZF-12WHG-K-U FUJITSU-MZF-12WHG-K-U Datasheet
513Kb / 8P
   MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
UM1L-D12W-K FUJITSU-UM1L-D12W-K Datasheet
442Kb / 8P
   MINIATURE RELAY 1 POLE, 0.5A (HIGH FREQUENCE SIGNAL SWITCHING)
FBR211 FUJITSU-FBR211 Datasheet
51Kb / 5P
   1 POLE-1 to 2 A (FOR SIGNAL SWITCHING)
RY FUJITSU-RY Datasheet
450Kb / 10P
   2 POLES - 1 to 2A (for signal switching)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com