Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE-24A02F Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # SE-24A02F
Description  SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SE-24A02F Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  SE-24A02F Datasheet HTML 1Page - Fujitsu Component Limited. SE-24A02F Datasheet HTML 2Page - Fujitsu Component Limited. SE-24A02F Datasheet HTML 3Page - Fujitsu Component Limited. SE-24A02F Datasheet HTML 4Page - Fujitsu Component Limited. SE-24A02F Datasheet HTML 5Page - Fujitsu Component Limited. SE-24A02F Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SE SERIES
n
BLOCK DIAGRAM
LOAD
INSULATIONCIRCUITS
Input/Output waveform
(resistive load)
AC
Photo-triac
coupler
n
CHARACTERISTIC DATA
n
REFERENCE DATA
SE-()A015type(1.5Atype)
Source voltage
of load
Input signal
Load current
ON
OFF
-30 -20 -10
0 10 20 40 60 80 100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Ambient Temperature (ºC)
Ambient Temperature vs. Maximum Load Current
0.6A
0.5A
0.4A
3.5 VDC
12 VDC
24 VDC
SE-()A02type(2.0Atype)
100
80
60
40
20
0
0
10
20
30
40
50
60
70
80
SE-5A02VF
n=50
Nominal Voltage Multiplying Factor (%)
Distribution of Operate and Release Voltage
Operate
Release
100
80
60
40
20
0
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
SE-5A02VF
n=50
AC 2.0 A
Distribution of ON-State Voltage Drop
ON State Voltage Drop (Vrms)
100
80
60
40
20
0
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
SE-5A02VF
n=50
AC 200 V
(60 Hz)
Distribution of OFF-State Leakage Current
OFF State Leakage Current (mA mrs)
*:only2Atypehadvaristor


Similar Part No. - SE-24A02F

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SE-200 MEANWELL-SE-200 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
SE-200-12 MEANWELL-SE-200-12 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
SE-200-12 MEANWELL-SE-200-12 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
SE-200-15 MEANWELL-SE-200-15 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
SE-200-15 MEANWELL-SE-200-15 Datasheet
289Kb / 2P
   200W Single Output Switching Power Supply
More results

Similar Description - SE-24A02F

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
logo
Picker Components
PCS20 PICKER-PCS20_17 Datasheet
2Mb / 2P
   1.5 Amp Solid State Relay
logo
Micropac Industries
53246 MICROPAC-53246 Datasheet
153Kb / 7P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53250 MICROPAC-53250 Datasheet
161Kb / 6P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53257 MICROPAC-53257 Datasheet
119Kb / 4P
   RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com