Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-5A03V Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # SG-5A03V
Description  SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SG-5A03V Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  SG-5A03V Datasheet HTML 1Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 2Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 3Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 4Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 5Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SG SERIES
3
■ CHARACTERISTIC DATA
SG-A03(3.0Atype)
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
Ambient Temperature (ºC)
Ambient Temperature vs. Maximum Load Current
-20
3.5
■ DIMENSIONS
●Dimensions
●Schematics
(BOTTOMVIEW)
●PCboardmounting
holelayout
(BOTTOMVIEW)
Unit:mm
SG-()A03Type
2.8
0.5
9.0+0
0.7
40.0+0
5.84
10.16
12.7
7.62
SG-()A03LType
2.8
0.5
9.0+0
0.7
40.0+0
5.84
10.16
12.7
5.08
1
2
3
4
-
+
~
~
INPUT
OUTPUT
1 2
3
4
- +
~
~
INPUT
OUTPUT
5.84
10.16
12.7
7.62
4-ø1.2
5.84
10.16
12.7
5.08
4-ø1.2


Similar Part No. - SG-5A03V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
SG-5010 ETC2-SG-5010 Datasheet
185Kb / 2P
   Servo Motor
logo
Epson Company
SG-51 EPSON-SG-51 Datasheet
78Kb / 2P
   FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-51P EPSON-SG-51P Datasheet
127Kb / 3P
   Crystal Oscillators(HCMOS/TTL DUAL IN LINE PLASTIC FULL SIZE SG-51/ HALF SIZE SG-531)
SG-51P EPSON-SG-51P Datasheet
78Kb / 2P
   FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results

Similar Description - SG-5A03V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Solid State Optronic
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
   Solid State Relay with Current Limiting
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com