Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-12HMS-K-HV-VD Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # VE-12HMS-K-HV-VD
Description  POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VE-12HMS-K-HV-VD Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  VE-12HMS-K-HV-VD Datasheet HTML 1Page - Fujitsu Component Limited. VE-12HMS-K-HV-VD Datasheet HTML 2Page - Fujitsu Component Limited. VE-12HMS-K-HV-VD Datasheet HTML 3Page - Fujitsu Component Limited. VE-12HMS-K-HV-VD Datasheet HTML 4Page - Fujitsu Component Limited. VE-12HMS-K-HV-VD Datasheet HTML 5Page - Fujitsu Component Limited. VE-12HMS-K-HV-VD Datasheet HTML 6Page - Fujitsu Component Limited. VE-12HMS-K-HV-VD Datasheet HTML 7Page - Fujitsu Component Limited. VE-12HMS-K-HV-VD Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
VE SERIES
Type
Compliance
Contactrating
UL
UL508
E56140
Flammability:UL94-V0(plastics)
VE-()-H:
5A,250VA/30VDC(N.O.resistive)
3A,250VAC(N.C.resistive)
5A,30VDC(N.C.resistive)
1/14HP,250VAC/125VAC
VE-()-HM
5A,250VAC/30VDC(resistive)
1/12HP,250VAC/125VAC
VE-()-H5
5A,250VAC/30VDC(N.O.resistive)
1/10HP,250VAC/125VAC(N.O.resistive)
5A,250VAC/30VDC(N.C.resistive)
1/14HP,250VAC/125VAC(N.C.resistive)
VE-()-HM5
5A,250VAC/30VDC(resistive)
1/10HP,250VAC/125VAC
CSA
C22.2No.14
LR35579
VDE
n
SAFETY STANDARDS
ComplieswithCQC
n
INSULATION
Item
VE-()HME
VE-()HM
VE-()HE
VE-()H
VE-()HM5 VE-()H5 Note
Resistance(initial)
Minimum 1,000 MΩ 1 min.
at500VDC
Dielectric
Strength
opencontacts
1,000VAC
1min.
750VAC
1min.
1,000VAC
1min.
750VAC
1min.
coilandcontacts 2,000VAC1min.
SurgeVoltage
(coilandcontact)
Standard:4,000V,HighSensitive:6,000V
1.2x50µs
standardwave


Similar Part No. - VE-12HMS-K-HV-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VE-12HMS-K-HV-VD FUJITSU-VE-12HMS-K-HV-VD Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results

Similar Description - VE-12HMS-K-HV-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com