Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-12SMBU-NR-UC Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # VS-12SMBU-NR-UC
Description  POWER RELAY 1 POLE-15A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VS-12SMBU-NR-UC Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  VS-12SMBU-NR-UC Datasheet HTML 1Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 2Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 3Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 4Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 5Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 6Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 7Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 8Page - Fujitsu Component Limited. VS-12SMBU-NR-UC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
VS-NR SERIES
n
SPECIFICATIONS
*1 Whenmax.carryingcurrentismorethan10A,PCBlayoutneedstobeconsidered.
*2 Minimum switching loads mentioned above are reference values. Please perform the confirmation test
withtheactualloadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequen-
cies,environmentalconditionsandexpectedreliabilitylevels.
Item
TV-8RatingType
Standard
VS-()M-NR
VS-()MU-NR
Contact Arrangement
1formA(SPST-NO)
Material
Silveralloy
Style
Single
Resistance(initial)(at1A
6VDC)
Max. 100mΩ
Rating(resistive)
15A240VAC/24VDC
Max.CarryingCurrent*1
15A
Max.SwitchingPower
1800VA/360W
Max.SwitchingVoltage
250VAC/150VDC
Min.SwitchingLoad*2
100mA5VDC
Max.InrushCurrent(at
lampload)
117A120VAC
-
Coil
Nominal Power (at 20˚C)
Standardtype:700to750mW.Highsensitivetype:530mW
Operate Power (at 20˚C)
Standardtype:350to370mW.Highsensitivetype:260mW
OperatingTemperature
Standardtype:-40ºCto+65ºC.Highsensitivetype:-40ºCto+75ºC
(nofrost)
Time
Value
Operate(atnominalvalue)
Maximum15ms
Release(atnominalvalue)
Maxiumum10ms
Life
Mechanical
2x107operationsminimum
Electrical Contactrating
1x105operationsminimum(resistive)
Motor
5x104operationsminimum
(at1/4HP120VACULHP
rating)
3x104operationsminimum(at1/4HP
120VACULHPrating)
Lamp
2.5x104operationsminimum
Other
Vibration
Resis-
tance
Misoperation
10to55Hz(doubleamplitudeof1.5mm)
Endurance
10to55Hz(doubleamplitudeof1.5mm)
Shock
Resis-
tance
Misoperation
100m/s2(11±1m/s)
Endurance
1,000m/s2(6±1m/s)
Weight
Approximately17g


Similar Part No. - VS-12SMBU-NR-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMBU-NIM2 FUJITSU-VS-12SMBU-NIM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMBU-NSM2 FUJITSU-VS-12SMBU-NSM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
More results

Similar Description - VS-12SMBU-NR-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com