Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG-12M-C-UL Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # VG-12M-C-UL
Description  POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VG-12M-C-UL Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  VG-12M-C-UL Datasheet HTML 1Page - Fujitsu Component Limited. VG-12M-C-UL Datasheet HTML 2Page - Fujitsu Component Limited. VG-12M-C-UL Datasheet HTML 3Page - Fujitsu Component Limited. VG-12M-C-UL Datasheet HTML 4Page - Fujitsu Component Limited. VG-12M-C-UL Datasheet HTML 5Page - Fujitsu Component Limited. VG-12M-C-UL Datasheet HTML 6Page - Fujitsu Component Limited. VG-12M-C-UL Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
VG SERIES
DISCONTINUED
Standard Type
High Sensitive Type
Item
TV-5 Type
5 A Type
3 A Type
3 A Type
VG-( ) TM
VG-( ) H
VG
VG-S
VG-( ) HE
VG-E
VG-SE
Contact
Arrangement
1 form A (SPST-NO)
1 form A (SPST-NO) or 1 form C (SPDT)
Material
Silver alloy
Gold overlay silver alloy (VG-H, VG), silver alloy (VG-HE,E)
Style
Single
Resistance (initial) (at 1 A 6 VDC)
Maximum 200 m
Ω Maximum 70 mΩ (VG-H,VG), Max. 100 mΩ (VG-HE, E)
Rating (resistive)
5 A 120 VAC
3 A 120 VAC
5 A 24 VDC
3 A 30 VDC
Maximum Carrying Current
5 A
Maximum Switching Power
1,000 VA, 150 W
500 VA, 90 W
Maximum Switching Voltage
250 VAC, 150 VDC
Maximum Switching Current
5 A
3 A
Minimum Switching Load*1
10 mA 5 VDC (VG-H,VG), 100 mA 5 VDC (VG-TM,VG-HE, E)
Coil
Nominal Power (at 20
°C)
0.36 to 0.4 W
0.21 to 0.26 W
Operate Power (at 20
°C)
0.18 to 0.2 W
0.102 to 0.13 W
Operating Temperature
–40
°C to +70°C (no frost)
–40
°C to +85°C (no frost)
Time Value
Operate (at nominal voltage)
Maximum 10 ms
Release (at nominal voltage)
Maximum 5 ms
Insulation
Resistance (at 500 VDC)
Minimum 1,000 M
between open
900 VAC 1 minute
750 VAC 1 minute
Dielectric
contacts
Strength
between coil
4,000 VAC 1 minute
and contacts
Surge Strength
7,000 V (at 1.2
× 50 µs)
Life
Mechanical
1
× 107 operations minimum
Electrical
1
× 105 operations minimum (at contact rating)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.5 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 1.5 mm)
Shock
Misoperation
100 m/s2 (11
±1 ms)
Resistance
Endurance
1,000 m/s2 (6
±1 ms)
Weight
Approximately 12 g
s SPECIFICATIONS
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.


Similar Part No. - VG-12M-C-UL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VG-1011JA ETC-VG-1011JA Datasheet
186Kb / 2P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
Epson ToYoCom
VG-1011JA EPSONTOYOCOM-VG-1011JA Datasheet
113Kb / 1P
   Crystal oscillator
More results

Similar Description - VG-12M-C-UL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3 FUJITSU-FTR-F3 Datasheet
553Kb / 6P
   1 POLE 3A SsLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com