Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE-12HSE5-K-HV-VD Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # VE-12HSE5-K-HV-VD
Description  POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VE-12HSE5-K-HV-VD Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  VE-12HSE5-K-HV-VD Datasheet HTML 1Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 2Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 3Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 4Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 5Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 6Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 7Page - Fujitsu Component Limited. VE-12HSE5-K-HV-VD Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
VE SERIES
1. General Information
l
Relays produced after the specific date code that is indicated on each data sheet are lead-free
now.Allofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfo.
(http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf)
l
LeadfreesolderpastecurrentlyusedinrelaysisSn-3.0Ag-0.5Cu.
l
AllsignalandpowerrelaysalsocomplywithRoHS.Pleaserefertoindividualdata
sheets.RelaysthatareRoHScompliantdonotcontainthe5hazardousmaterialsthat
arerestrictedbyRoHSdirective(lead,mercury,chromiumIV,PBB,PBDE).
l
It has been verified that using lead-free relays in leaded assembly process will not cause any
problems(compatible).
l
“LF”ismarkedoneachouterandinnercarton.(Nomarkingonindividualrelays).
l
To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office.
l
Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists.
Note:CadmiumwasexemptedfromRoHSonOctober21,2005.(AmendmenttoDirective2002/95/EC)
2. Recommended Lead Free Solder Profile
l
RecommendedsolderpasteSn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Relay Information
Reflow Solder condition
3. Moisture Sensitivity
l
MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrealys.
4. Tin Whisker
l
DippedSnAgCusolderisknownaslowrisktinwhisker.Noconsiderablelengthwhiskerwasfoundbyourin
housetest.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum 120˚C
Soldering:
dipwithin5sec.at
260˚C soler bath
Solder by Soldering Iron:
SolderingIron
Temperature: maximum 360˚C
Duration:
maximum3sec.


Similar Part No. - VE-12HSE5-K-HV-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VE-12HSE-K FUJITSU-VE-12HSE-K Datasheet
318Kb / 7P
   1 POLE - 5A Medium Load Control
VE-12HSE-K-HV-VD FUJITSU-VE-12HSE-K-HV-VD Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HSE-K-VD FUJITSU-VE-12HSE-K-VD Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results

Similar Description - VE-12HSE5-K-HV-VD

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com