Electronic Components Datasheet Search |
|
LRB174015KP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd. |
|
LRB174015KP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd. |
1 / 3 page Features - Low inductance. - High stability open-air style. - Precision alloys resistive element. - Lead (Pb)-free and RoHS compliant. - Standard tolerance ±3%, ±5%, ±10%. - Radial leads, low resistance value 2 mΩ ~ 50 mΩ. Preview Developed for current sensing and shunt applications, Token’s LRB series of bare element resistors have a precision alloys (Ni-Cu) element welded construction. Built-in stand-offs and standard spacings make for easy mounting. The bare metal element design allows for maximum cooling via airflow, forcing less heat into the PCB. The flameproof construction offers values down to 2mΩ with low inductance. Customer can specify resistance range designed to satisfy challenging and specific technical requirements. These factors make the LRB Series an outstanding choice for all types of high current power supplies and power applications requiring a robust part that is impervious to most environmental stresses. The device is ideal for current limited, Current balance, and sampling sense in power supplier. It takes on the capability of high overload, and the function easily welding and non inductance as well. The LRB Series is available in bulk packaging and is RoHS compliant and lead free. For non-standard technical requirements and special applications, please contact us with your specific needs. LRB Open Air Low Resistance Resistors TOKEN Token’s Low Resistance, Low Inductance, Open-Air Resistor is Alternative Shunts (LRB) Open Air Low Resistance Resistors Applications - CPU Drive Control. - Power Tool Motor controls. - Automotive, Feedback System. - Inverter and Switching Power Supplies. - Power Supply Shunt, Current Detective. - Residual Battery Power Detection, and Current Sensing. |
Similar Part No. - LRB174015KP |
|
Similar Description - LRB174015KP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |