Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-12SC-NR-UC Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # VS-12SC-NR-UC
Description  POWER RELAY 1 POLE-15A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VS-12SC-NR-UC Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button VS-12SC-NR-UC Datasheet HTML 4Page - Fujitsu Component Limited. VS-12SC-NR-UC Datasheet HTML 5Page - Fujitsu Component Limited. VS-12SC-NR-UC Datasheet HTML 6Page - Fujitsu Component Limited. VS-12SC-NR-UC Datasheet HTML 7Page - Fujitsu Component Limited. VS-12SC-NR-UC Datasheet HTML 8Page - Fujitsu Component Limited. VS-12SC-NR-UC Datasheet HTML 9Page - Fujitsu Component Limited. VS-12SC-NR-UC Datasheet HTML 10Page - Fujitsu Component Limited. VS-12SC-NR-UC Datasheet HTML 11Page - Fujitsu Component Limited. VS-12SC-NR-UC Datasheet HTML 12Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
VS-NR SERIES
1. General Information
l
Relays produced after the specific date code that is indicated on each data sheet are lead-free
now.Allofoursignalandpowerrelaysarelead-free.PleaserefertoLead-FreeStatusInfo.
(http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf)
l
LeadfreesolderpastecurrentlyusedinrelaysisSn-3.0Ag-0.5Cu.
l
AllsignalandpowerrelaysalsocomplywithRoHS.Pleaserefertoindividualdata
sheets.RelaysthatareRoHScompliantdonotcontainthe5hazardousmaterialsthat
arerestrictedbyRoHSdirective(lead,mercury,chromiumIV,PBB,PBDE).
l
It has been verified that using lead-free relays in leaded assembly process will not cause any
problems(compatible).
l
“LF”ismarkedoneachouterandinnercarton.(Nomarkingonindividualrelays).
l
To avoid leaded relays (for lead-free sample, etc.) please consult with area sales office.
l
Wewillshipleadedrelaysaslongastheleadedrelayinventoryexists.
Note:CadmiumwasexemptedfromRoHSonOctober21,2005.(AmendmenttoDirective2002/95/EC)
2. Recommended Lead Free Solder Profile
l
RecommendedsolderpasteSn-3.0Ag-0.5Cu.
RoHS Compliance and Lead Free Relay Information
Reflow Solder condition
3. Moisture Sensitivity
l
MoistureSensitivityLevelstandardisnotapplicabletoelectromechanicalrealys.
4. Tin Whisker
l
DippedSnAgCusolderisknownaslowrisktinwhisker.Noconsiderablelengthwhiskerwasfoundbyourin
housetest.
We highly recommend that you confirm your actual solder conditions
Flow Solder condition:
Pre-heating:
maximum 120˚C
Soldering:
dipwithin5sec.at
260˚C soler bath
Solder by Soldering Iron:
SolderingIron
Temperature: maximum 360˚C
Duration:
maximum3sec.


Similar Part No. - VS-12SC-NR-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMB-5-UC FUJITSU-VS-12SMB-5-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMB-5IM2 FUJITSU-VS-12SMB-5IM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMB-5SM2 FUJITSU-VS-12SMB-5SM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMB-E-UC FUJITSU-VS-12SMB-E-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMB-EIM2 FUJITSU-VS-12SMB-EIM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
More results

Similar Description - VS-12SC-NR-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com