Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KYL-300I Datasheet(PDF) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-300I
Description  KYL-300I Low PowerWireless Transceiver DataModule
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-300I Datasheet(HTML) 4 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-300I Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-300I Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
Fax:
Fax:
Fax:
Fax: +86-0755-83408785
+86-0755-83408785
+86-0755-83408785
+86-0755-83408785
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
kyl03losia@gmail.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
www.rf-data.com
4
9. Intelligent data control and no any extra programs required
Even for half duplex communication, no any excessive programs required. All RF
system data transmission/reception and other On-the-Fly conversion and control are
performed by KYL-300I transceivers automatically.
10. Lower power consumption & Sleep function
With +5V power, the receiving current is less than 25mA, the transmitting current
is less than 300mA, and the sleeping current is less than 20uA.
11. High reliability, small and light
By using monolithic radio-frequency integrated circuit and single-chip MCU, the
transceivers have less peripheral circuit s, high reliability, and low failure rate.
12. More options of configurable antennas for user different applications.
13. Watchdog monitor
Watchdog monitors the inner function, so it can change the traditional product
structure and also improve the reliability of our modules.
14. With beautiful metal shell.
III:
III:
III:
III: Application
Application
Application
Application of
of
of
of KYL-300I:
KYL-300I:
KYL-300I:
KYL-300I:
KYL-300I the low power wireless transceiver data module is suitable for:
* AMR Automatic Meter Reading
* Wireless alarm and security systems
* Building automation, security, wireless monitoring and control of room equipment,
Access Control System;
* Wireless data transmission, automatic data collection system;
* Radio modem can be used for Sports training & competition;
* Wireless dishes ordering;
* Wireless POS, PDA wireless smart terminal;
* RF modem can be used for Electronic bus station and intelligent traffic;
* RF transmitter Wireless electronic display screen and queuing machine;
* Wireless telemetry Charging for parking, parking lot;
* Wireless modem Automobile inspection and four-wheel orientation;
* Wireless sensor Industrial wireless remote control and air conditioning remote
controller;
* Data communication used for railway, oil field, dock and army.
* LED display in thruway and public places
* Point to multi-point wireless network, wireless on-the-spot bus and automatic data
collection system;


Similar Part No. - KYL-300I

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
KYL-300I-12 KYL-KYL-300I-12 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
KYL-300I-192 KYL-KYL-300I-192 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
KYL-300I-24 KYL-KYL-300I-24 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
KYL-300I-48 KYL-KYL-300I-48 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
More results

Similar Description - KYL-300I

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-200L KYL-KYL-200L Datasheet
487Kb / 15P
   KYL-200L Low PowerWireless Transceiver DataModule
KYL-300L KYL-KYL-300L Datasheet
472Kb / 14P
   KYL-300L Low PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U Datasheet
478Kb / 15P
   KYL-200UMicro PowerWireless Transceiver DataModule
KYL-200U KYL-KYL-200U_1 Datasheet
229Kb / 15P
   Micro PowerWireless Transceiver DataModule
KYL-210 KYL-KYL-210 Datasheet
463Kb / 14P
   KYL-210 High speed Rate RF Transceiver DataModule
KYL-200L KYL-KYL-200L_1 Datasheet
111Kb / 11P
   Low PowerWireless Transceiver Data Module
KYL-210 KYL-KYL-210_1 Datasheet
297Kb / 9P
   High speed Rate RF Transceiver DataModule
KYL-300M KYL-KYL-300M Datasheet
472Kb / 14P
   KYL-300MRF Data RadioModule
KYL-816 KYL-KYL-816 Datasheet
212Kb / 7P
   KYL-816AnalogWirelessAcquisition module UseManual
logo
List of Unclassifed Man...
DM6210 ETC-DM6210 Datasheet
1Mb / 91P
   dataModule medium speed analog input module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com