Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRB-48 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # VRB-48
Description  POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VRB-48 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  VRB-48 Datasheet HTML 1Page - Fujitsu Component Limited. VRB-48 Datasheet HTML 2Page - Fujitsu Component Limited. VRB-48 Datasheet HTML 3Page - Fujitsu Component Limited. VRB-48 Datasheet HTML 4Page - Fujitsu Component Limited. VRB-48 Datasheet HTML 5Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
VR SERIES
NOT
FOR
NEW
DESIGNS
s SPECIFICATIONS
Item
VR, VRB
Contact
Arrangement
1 form A (SPST-NO)
Material
Silver-cadmium oxide
Style
Single
Resistance (initial)
Maximum 100 m
(at 1 A 6 VDC)
Rating (resistive)
15 A 30 VDC/277 VAC
Maximum Carrying Current
15 A
Maximum Switching Power
4,155 VA, 450 W
Maximum Switching Voltage
277 VAC, 30 VDC
Maximum Switching Current
15 A
Minimum Switching Load *1
100 mA 5 VDC
Coil
Nominal Power (at 20
°C)
0.8 W
Operate Power (at 20
°C)
0.36 W
Operating Temperature
–40
°C to +85°C (no frost) (refer to the CHARACTERISTIC DATA)
Time Value
Operate (at nominal voltage)
Maximum 15 ms
Release (at nominal voltage)
Maximum 10 ms
Insulation
Resistance (at 500 VDC)
Minimum 1,000 M
Dielectric
between open contacts
1,000 VAC 1 minute
Strength
between coil and contacts
5,000 VAC 1 minute
Surge Strength
10,000 V (at 1.2
× 50 µs)
Life
Mechanical
5
× 106 operations minimum
Electrical
1
× 105 operations minimum (contact rating)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.65 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 2.0 mm)
Shock
Misoperation
200 m/s2 (11 ± 1 ms)
Resistance
Endurance
1,000 m/s2 (6 ± 1 ms)
Weight
Approximately 24 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
before production since reference values may vary according to switching frequencies, environmental conditions and
expected reliability levels.


Similar Part No. - VRB-48

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB0505ZP-6WR3 MORNSUN-VRB0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRB0512ZP-6WR3 MORNSUN-VRB0512ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRB0515ZP-6WR3 MORNSUN-VRB0515ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRB0524ZP-6WR3 MORNSUN-VRB0524ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRB1203(X)D-10WR2 MORNSUN-VRB1203(X)D-10WR2 Datasheet
360Kb / 6P
   negative dual/single output DC-DC converter
More results

Similar Description - VRB-48

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com