Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB-12STB-E Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # VB-12STB-E
Description  POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VB-12STB-E Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  VB-12STB-E Datasheet HTML 1Page - Fujitsu Component Limited. VB-12STB-E Datasheet HTML 2Page - Fujitsu Component Limited. VB-12STB-E Datasheet HTML 3Page - Fujitsu Component Limited. VB-12STB-E Datasheet HTML 4Page - Fujitsu Component Limited. VB-12STB-E Datasheet HTML 5Page - Fujitsu Component Limited. VB-12STB-E Datasheet HTML 6Page - Fujitsu Component Limited. VB-12STB-E Datasheet HTML 7Page - Fujitsu Component Limited. VB-12STB-E Datasheet HTML 8Page - Fujitsu Component Limited. VB-12STB-E Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
VB SERIES
To be
Discon
Tinue
D
n
CHARACTERISTIC DATA
n
INSULATION
Item
Note
Resistance (initial)
Minimum1,000MΩ
at 500 VDC
Dielectric
Strength
open contacts
1,000 VAC (50/60 Hz) 1 min.
coil and contacts
5,000 VAC 1 min., (3,000 VAC 1 min.
adjacent contacts)
Surge Voltage (coil and contact) 10,000 V (6,000V adjacent contacts)
1.2 x 50µs standard wave
Type
Compliance
Contact rating
UL
UL 508, 873
E56140
Flammability: UL 94-V0 (plastics)
TV-rating
5A, 240VAC/24VDC (resistive)
1/6 HP, 240VAC/120VAC
Pilot duty: C150
TV-3 120VAC
5A, 240VAC/24VDC (resistive)
1/6 HP, 240VAC/120VAC
Pilot duty: C150
CSA
C22.2 No. 14
LR 35579
VDE
0435, 0631, 0700, 0860
n
SAFETY STANDARDS
Complies with SEV, SEMKO, CQC, VDE


Similar Part No. - VB-12STB-E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VB-10 NJSEMI-VB-10 Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-100 NJSEMI-VB-100 Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-100X NJSEMI-VB-100X Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-10X NJSEMI-VB-10X Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
VB-150X NJSEMI-VB-150X Datasheet
93Kb / 2P
   High Voltage Diffused Rectifiers
More results

Similar Description - VB-12STB-E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com