Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAC Datasheet(PDF) 2 Page - Schurter Inc.

Part # FAC
Description  Caps to Holder FEU, FEU (Med), FAU, FAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FAC Datasheet(HTML) 2 Page - Schurter Inc.

  FAC Datasheet HTML 1Page - Schurter Inc. FAC Datasheet HTML 2Page - Schurter Inc. FAC Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuseholders
Caps to FEU, FAU, FAC
www.schurter.com/pg02
Fuses
Variants
Cap
Fuse-Link
Degree of Protection Order Number
Slot Knob
6.3 x 32mm
IP 40
0031.1661
Slot Knob
5 x 20mm
IP 40
0031.1663
Slot Knob
6.3 x 32mm
IP 40
0031.1666
Packaging Unit
PlasticBag(100pcs.)


Similar Part No. - FAC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAC SCHURTER-FAC Datasheet
452Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, vertical
FAC SCHURTER-FAC Datasheet
272Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
logo
M-System Co.,Ltd.
FAC MSYSTEM-FAC Datasheet
97Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAC SCHURTER-FAC Datasheet
284Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slotted Cap/Fingergrip, vertical
04.01.2022
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
   2A 380KHZ 20V PWM Buck DC/DC Converter
More results

Similar Description - FAC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEU SCHURTER-FEU_V01 Datasheet
220Kb / 2P
   Caps to Holder FEU, FEU (Med), FAU, FAC
0031.1667 SCHURTER-0031.1667_V02 Datasheet
255Kb / 2P
   Caps Fingergrip for Holder FEU, FAU, FAC
04.01.2022
0031.1667 SCHURTER-0031.1667 Datasheet
235Kb / 1P
   Caps Fingergrip for Holder FEU, FAU, FAC
COVERFEU SCHURTER-COVERFEU Datasheet
141Kb / 2P
   Insulation Cover for FEU, FEU (Med)
02.10.2019
0031.1812 SCHURTER-0031.1812 Datasheet
178Kb / 1P
   Caps for Holder FEU (Grip)
logo
3M Electronics
3000WT 3M-3000WT Datasheet
88Kb / 3P
   Mastic coupe-feu 3M??3000WT Mastic Silicone intumescent
logo
Schurter Inc.
FEC SCHURTER-FEC Datasheet
525Kb / 3P
   Caps to Holder FEC
CAPSTOFEC SCHURTER-CAPSTOFEC_V01 Datasheet
220Kb / 2P
   Caps to Holder FEC
04.01.2022
0031.2320 SCHURTER-0031.2320 Datasheet
222Kb / 2P
   Caps to Holder FUL (IP 67)
19.08.2020
FUL SCHURTER-FUL Datasheet
522Kb / 3P
   Caps to Holder FUL, FUP, FUA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com