Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC1G14 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC1G14
Description  Inverting Schmitt trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC1G14 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC1G14 Datasheet HTML 5Page - NXP Semiconductors 74HC1G14 Datasheet HTML 6Page - NXP Semiconductors 74HC1G14 Datasheet HTML 7Page - NXP Semiconductors 74HC1G14 Datasheet HTML 8Page - NXP Semiconductors 74HC1G14 Datasheet HTML 9Page - NXP Semiconductors 74HC1G14 Datasheet HTML 10Page - NXP Semiconductors 74HC1G14 Datasheet HTML 11Page - NXP Semiconductors 74HC1G14 Datasheet HTML 12Page - NXP Semiconductors 74HC1G14 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74HC_HCT1G14_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 17 July 2007
9 of 14
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
tf = fall time (ns); 90 % to 10 %
∆I
CC(AV) = average additional supply current (µA)
∆I
CC(AV) differs with positive or negative input transitions, as shown in Figure 14 and 15.
74HC1G14 and 74HCT1G14 used in relaxation oscillator circuit, see Figure 16.
Remark: All values given are typical unless otherwise specified.
Fig 14.
∆I
CC(AV) for 74HC1G14 devices; linear change of
VI between 0.1 × VCC to 0.9 × VCC
Fig 15.
∆I
CC(AV) for 74HCT1G14 devices; linear change
of VI between 0.1 × VCC to 0.9 × VCC
mna036
0
2.0
4.0
6.0
VCC (V)
200
150
50
0
100
∆ICC(AV)
(
µA)
positive-going
edge
negative-going
edge
mna058
04
6
2
VCC (V)
200
100
50
150
0
∆ICC(AV)
(
µA)
positive-going
edge
negative-going
edge
For 74HC1G14:
For 74HCT1G14:
Fig 16. Relaxation oscillator using 74HC1G14 and 74HCT1G14
mna035
R
C
f
1
T
---
1
0.8
RC
×
----------------------
=
f
1
T
---
1
0.67
RC
×
-------------------------
=


Similar Part No. - 74HC1G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
74HC1G14 NEXPERIA-74HC1G14 Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HC1G14-Q100 NEXPERIA-74HC1G14-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
logo
NXP Semiconductors
74HC1G14GV PHILIPS-74HC1G14GV Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14GV NXP-74HC1G14GV Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
More results

Similar Description - 74HC1G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com