Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT790A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FZT790A
Description  PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FZT790A Datasheet(HTML) 2 Page - Zetex Semiconductors

  FZT790A Datasheet HTML 1Page - Zetex Semiconductors FZT790A Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT223 PNP SILICON PLANAR MEDIUM
POWER HIGH GAIN TRANSISTOR
ISSUE 3 - OCTOBER 1995
FEATURES
* Very low equivalent on-resistance; RCE(sat) 125mΩ at 2A
* Gain of 200 at IC=1 Amp and very low saturation voltage
APPLICATIONS
* DC-DC converters, Siren drivers.
COMPLEMENTARY TYPE -
FZT690B
PARTMARKING DETAIL -
FZT790A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-6
A
Continuous Collector Current
IC
-3
A
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN. TYP.
MAX. UNIT CONDITIONS.
Breakdown Voltages
V(BR)CBO
-50
-70
V
IC=-100µA
V(BR)CEO
-40
-60
V
IC=-10mA*
V(BR)EBO
-5
-8.5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-0.1
-10
µ
A
µ
A
VCB=-30V
VCB=-30V,Tamb=100°C
Emitter Cut-Off Current
IEBO
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.15
-0.30
-0.40
-0.25
-0.45
-0.75
V
V
V
IC=-500mA, IB=-5mA*
IC=-1A, IB=-10mA*
IC=-2A, IB=-50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.8
-1.0
V
IC=-1A, IB=-10mA*
Base-EmitterTurn-OnVoltage VBE(on)
-0.75
V
IC=-1A, VCE=-2V*
Static Forward Current
Transfer Ratio
hFE
300
250
200
150
800
IC=-10mA, VCE=-2V
IC=-500mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
Transition Frequency
fT
100
MHz
IC=-50mA, VCE=-5V
f=50MHz
Output Capacitance
Cobo
24
pF
VCB=-10V,f=1MHz
Switching Times
ton
toff
35
600
ns
ns
IC=-500mA,
IB1=-50mA,
IB2=-50mA, VCC=-10V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT790A
0.01
0.1
1
10
0.8
0.6
0
1.6
0.01
0.1
1
10
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
750
500
250
Tamb=25°C
-55°C
+25°C
+100°C
+175°C
0
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
-55°C
+25°C
+100°C
+175°C
1.8
1.4
1.2
1.0
0.4
0.2
0.8
0.6
0
1.6
1.8
1.4
1.2
1.0
0.4
0.2
IC/IB=10
IC/IB=100
IC/IB=40
IC/IB=100
VCE=2V
IC/IB=100
VCE=2V
-55°C
+25°C
+100°C
+100°C
+25°C
-55°C
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
0.1
10
FZT790A
3 - 249
3 - 248
C
C
E
B


Similar Part No. - FZT790A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FZT790A FAIRCHILD-FZT790A Datasheet
44Kb / 2P
   PNP Low Saturation Transistor
logo
Guangdong Kexin Industr...
FZT790A KEXIN-FZT790A Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT790A DIODES-FZT790A Datasheet
94Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
logo
ON Semiconductor
FZT790A ONSEMI-FZT790A Datasheet
279Kb / 7P
   PNP Low Saturation Transistor
February 2015 Rev. 3.1
logo
Diodes Incorporated
FZT790A DIODES-FZT790A_15 Datasheet
606Kb / 7P
   40V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

Similar Description - FZT790A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com