Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-12SMKU-NR-SM2 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # VS-12SMKU-NR-SM2
Description  POWER RELAY 1 POLE-15A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VS-12SMKU-NR-SM2 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button VS-12SMKU-NR-SM2 Datasheet HTML 4Page - Fujitsu Component Limited. VS-12SMKU-NR-SM2 Datasheet HTML 5Page - Fujitsu Component Limited. VS-12SMKU-NR-SM2 Datasheet HTML 6Page - Fujitsu Component Limited. VS-12SMKU-NR-SM2 Datasheet HTML 7Page - Fujitsu Component Limited. VS-12SMKU-NR-SM2 Datasheet HTML 8Page - Fujitsu Component Limited. VS-12SMKU-NR-SM2 Datasheet HTML 9Page - Fujitsu Component Limited. VS-12SMKU-NR-SM2 Datasheet HTML 10Page - Fujitsu Component Limited. VS-12SMKU-NR-SM2 Datasheet HTML 11Page - Fujitsu Component Limited. VS-12SMKU-NR-SM2 Datasheet HTML 12Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
VS-NR SERIES
n
REFERENCE DATA
Distribution of Operate
& Release Voltage
Nominal Voltage Mult. Factor (%)
Operate
Release
Distribution of Operate
& Release Time
Time (ms)
Operate
Release
Distribution of Contact Resistance
Contact Resistance (mΩ)
Make
Break
Mechanical Test
Operate
Release
Make
Break
Operation (x104)
1200 ops
Electrical Test
Operation (x104)
Operate
Release
30 ops./min.
120VAC 15A (resistive)
Initial
Make
Electrical Test
Initial
Operation (x104)
Release
Operate
Make
30 ops./min.
24VDC 10A (resistive)


Similar Part No. - VS-12SMKU-NR-SM2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMKU-N-UC FUJITSU-VS-12SMKU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMKU-NIM2 FUJITSU-VS-12SMKU-NIM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12SMKU-NSM2 FUJITSU-VS-12SMKU-NSM2 Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
More results

Similar Description - VS-12SMKU-NR-SM2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com