Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC1G32GW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC1G32GW
Description  2-input OR gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC1G32GW Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC1G32GW Datasheet HTML 1Page - NXP Semiconductors 74HC1G32GW Datasheet HTML 2Page - NXP Semiconductors 74HC1G32GW Datasheet HTML 3Page - NXP Semiconductors 74HC1G32GW Datasheet HTML 4Page - NXP Semiconductors 74HC1G32GW Datasheet HTML 5Page - NXP Semiconductors 74HC1G32GW Datasheet HTML 6Page - NXP Semiconductors 74HC1G32GW Datasheet HTML 7Page - NXP Semiconductors 74HC1G32GW Datasheet HTML 8Page - NXP Semiconductors 74HC1G32GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74HC_HCT1G32_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 14 March 2008
2 of 11
NXP Semiconductors
74HC1G32; 74HCT1G32
2-input OR gate
5.
Functional diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna164
B
A
Y
2
1
4
mna165
4
≥1
2
1
Fig 3.
Logic diagram
mna166
B
A
Y
Fig 4.
Pin configuration
74HC1G32
74HCT1G32
BVCC
A
GND
Y
001aaf104
1
2
3
5
4
Table 3.
Pin description
Symbol
Pin
Description
B
1
data input B
A
2
data input A
GND
3
ground (0 V)
Y
4
data output Y
VCC
5
supply voltage


Similar Part No. - 74HC1G32GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G32GW PHILIPS-74HC1G32GW Datasheet
602Kb / 16P
   2-input OR gate
2002 May 15
logo
Nexperia B.V. All right...
74HC1G32GW NEXPERIA-74HC1G32GW Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
74HC1G32GW-Q100 NEXPERIA-74HC1G32GW-Q100 Datasheet
682Kb / 12P
   2-input OR gate
More results

Similar Description - 74HC1G32GW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com