Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT1G86 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT1G86
Description  2-input EXCLUSIVE-OR gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT1G86 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT1G86 Datasheet HTML 1Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 2Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 3Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 4Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 5Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 6Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 7Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 8Page - NXP Semiconductors 74HCT1G86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74HC_HCT1G86_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 20 July 2007
5 of 11
NXP Semiconductors
74HC1G86; 74HCT1G86
2-input EXCLUSIVE-OR gate
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
∑ (C
L × VCC
2
× f
o) = sum of outputs
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
10
-
20
µA
∆ICC
additional supply
current
per input; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
500
-
850
µA
CI
input capacitance
-
1.5
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf ≤ 6.0 ns; All typical values are measured at Tamb =25 °C. For test circuit see Figure 6
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
For type 74HC1G86
tpd
propagation delay A and B to Y; see Figure 5
[1]
VCC = 2.0 V; CL = 50 pF
-
22
115
-
135
ns
VCC = 4.5 V; CL = 50 pF
-
11
23
-
27
ns
VCC = 5.0 V; CL =15pF
-
9
-
-
-
ns
VCC = 6.0 V; CL =50pF
-
9
20
-
23
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[2]
-23-
-
-
pF
For type 74HCT1G86
tpd
propagation delay A and B to Y; see Figure 5
[1]
VCC = 4.5 V; CL = 50 pF
-
13
23
-
27
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
ns
CPD
power dissipation
capacitance
VI = GND to VCC − 1.5 V
[2]
-23-
-
-
pF


Similar Part No. - 74HCT1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1G86 PHILIPS-74HCT1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Nexperia B.V. All right...
74HCT1G86 NEXPERIA-74HCT1G86 Datasheet
208Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HCT1G86GV NXP-74HCT1G86GV Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74HCT1G86GV NEXPERIA-74HCT1G86GV Datasheet
208Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 5 - 27 January 2022
74HCT1G86GV-Q100 NEXPERIA-74HCT1G86GV-Q100 Datasheet
684Kb / 12P
   2-input EXCLUSIVE-OR gate
More results

Similar Description - 74HCT1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com