Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


74HC00BQ Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74HC00BQ
Description  Quad 2-input NAND gate
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
74HC_HCT00_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 11 January 2010
4 of 15
NXP Semiconductors
74HC00; 74HCT00
Quad 2-input NAND gate
9.
Static characteristics
Δt/ΔV
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
-
-
83
-
-
-
ns/V
Table 5.
Recommended operating conditions …continued
Voltages are referenced to GND (ground = 0 V) …continued
Symbol Parameter
Conditions
74HC00
74HCT00
Unit
Min
Typ
Max
Min
Typ
Max
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC00
VIH
HIGH-level
input voltage
VCC = 2.0 V
-
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
-
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
-
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
-
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
-
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
-
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −20 μA; VCC = 2.0 V
-
2.0
-
1.9
-
1.9
-
V
IO = −20 μA; VCC = 4.5 V
-
4.5
-
4.4
-
4.4
-
V
IO = −20 μA; VCC = 6.0 V
-
6.0
-
5.9
-
5.9
-
V
IO = −4.0 mA; VCC = 4.5 V
-
4.32
-
3.84
-
3.7
-
V
IO = −5.2 mA; VCC = 6.0 V
-
5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 20 μA; VCC = 2.0 V
-
0
-
-
0.1
-
0.1
V
IO = 20 μA; VCC = 4.5 V
-
0
-
-
0.1
-
0.1
V
IO = 20 μA; VCC = 6.0 V
-
0
-
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
-
-
0.33
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
-
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC = 6.0 V
-
-
-
-
±1
-
±1
μA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 6.0 V
-
-
-
-
20
-
40
μA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl