Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G00DP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC2G00DP
Description  Dual 2-input NAND gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G00DP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC2G00DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 9Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 10Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 11Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 12Page - NXP Semiconductors 74HC2G00DP Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74HC_HCT2G00_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 July 2008
10 of 13
NXP Semiconductors
74HC2G00; 74HCT2G00
Dual 2-input NAND gate
Fig 10. Package outline SOT996-2 (XSON8U)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT996-2
- - -
- - -
SOT996-2
07-12-18
07-12-21
UNIT
A
max
mm
0.5
0.05
0.00
0.35
0.15
3.1
2.9
0.5
1.5
0.5
0.3
0.6
0.4
0.1
0.05
A1
DIMENSIONS (mm are the original dimensions)
XSON8U: plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3 x 2 x 0.5 mm
0
1
2 mm
scale
b
D
2.1
1.9
E
e
e1
L
L1
0.15
0.05
L2
v
w
0.05
y
y1
0.1
C
y
C
y1
X
b
14
85
e1
e
A
C
B
v M
C
w M
L2
L1
L
terminal 1
index area
B
A
D
E
detail X
A
A1


Similar Part No. - 74HC2G00DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G00DP PHILIPS-74HC2G00DP Datasheet
82Kb / 16P
   Dual 2-input NAND gate
2003 Feb 12
logo
Nexperia B.V. All right...
74HC2G00DP NEXPERIA-74HC2G00DP Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
74HC2G00DP-Q100 NEXPERIA-74HC2G00DP-Q100 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
74HC2G00DP-Q100 NEXPERIA-74HC2G00DP-Q100 Datasheet
207Kb / 11P
   Dual 2-input NAND gate
Rev. 2 - 20 November 2018
More results

Similar Description - 74HC2G00DP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com