Selected language     English  ▼


F-1508 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1508
Description  High Frequency Data Line Filter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
9/30/02
Physical Dimensions in inches (mm)
Schematic Diagram
High Frequency
Data Line Filter
50 mil 16-Pin SMD
P/N F-1508
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
Available on
Tape & Reel
1. Tested at 100KHz and 100 mV
RMS
PARAMETER
UNITS
Inductance
+ 30% (1)
85.0
µH
Leakage Inductance (1)
0.25 Max.
µH
Interwinding Capacitance (1)
10 Max.
pF
Primary DC Resistance
0.20 Max.
Isolation (HI-POT)
500 Min.
V
RMS
SRF (Ref.)
12
MHz
Insulation Resistance
10k Min.
M
Power Rating
250
mW
Turns ratio
1:1
+ 5%
1000
800
600
400
200
0
Impedance Plot
Frequency (MHz)
Ohms
Minimum
Typical
Common Mode Attenuation (dB) Frequency in MHz
100k
1M
10M
30M
50M
100M
300M
500M
3
20
33
37
35
27
9
4
Operating temperature Range: -40oC to +85oC




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl