Selected language     English  ▼


F-1515 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1515
Description  COMMON MODE CHOKE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
F-1515
8/16/96
1 OF 1
100 BASE T-4
COMMON MODE CHOKE
Physical
Dimensions
inches (mm)
Turns Ratio ( + 3% )
1 : 1
PARAMETER
MIN.
TYP.
MAX.
UNITS
Open Circuit Inductance
36
µH
Leakage Inductance
.2
µH
Interwinding Capacitance
15
pF
DC Primary Resistance
.35
Isolation (HI-POT)
500
V
RMS
Impedance at 30 Mhz
2000
Impedance at 50 Mhz
1500
Impedance at 70 Mhz
1000
Schematic Diagram
10
20
40
60
80 100
1000
2000
3000
4000
Frequency ( MHz )
200
300
0
Typical
Minimum




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl