Selected language     English  ▼


F-1600 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1600
Description  ISDN S Interface Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
1 OF 1
11/1/96
F-1600
PARAMETER
MIN.
MAX.
UNITS
1Open Circuit Inductance
24
µHy
Leakage Inductance
0.20
µHy
Interwinding Capacitance (C
W/W)
15
pF
DC Resistance (any winding)
0.30
ohms
Impedance @10 MHz
0.9
k
Impedance @30 MHz
1.6
K
Impedance @70 MHz
1.15
K
Impedance @100 MHz
0.80
K
Isolation (HI-POT)
500
V
RMS
1TEST CONDITIONS:
Oscillation Voltage = 700mV
Oscillation Frequency = 10.0 KHz
Inductance measured on 1 winding.
Turns Ratio ( + 1% )
1:1:1:1
ISDN S Interface Common Mode Choke
High Frequency
PHYSICAL DIMENSIONS
inches (mm)
Designed for 4-Wire Links ISDN S / T1
For EMI Reduction - Filters Common
Mode Noise
500 V
RMS Minimum Isolation Between
Windings
Frequencies 100 kHz to 200MHz
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
SCHEMATIC
DIAGRAM




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl