Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G32 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G32
Description  Dual 2-input OR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G32 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G32 Datasheet HTML 1Page - NXP Semiconductors 74HC2G32 Datasheet HTML 2Page - NXP Semiconductors 74HC2G32 Datasheet HTML 3Page - NXP Semiconductors 74HC2G32 Datasheet HTML 4Page - NXP Semiconductors 74HC2G32 Datasheet HTML 5Page - NXP Semiconductors 74HC2G32 Datasheet HTML 6Page - NXP Semiconductors 74HC2G32 Datasheet HTML 7Page - NXP Semiconductors 74HC2G32 Datasheet HTML 8Page - NXP Semiconductors 74HC2G32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC_HCT2G32_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 May 2009
2 of 13
NXP Semiconductors
74HC2G32; 74HCT2G32
Dual 2-input OR gate
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking code
Type number
Marking code
74HC2G32DP
H32
74HCT2G32DP
T32
74HC2G32DC
H32
74HCT2G32DC
T32
74HC2G32GD
H32
74HCT2G32GD
T32
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna733
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
mna734
7
≥ 1
≥ 1
2
1
3
6
5
mna166
B
A
Y
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
74HC2G32
74HCT2G32
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aak024
1
2
3
4
6
5
8
7
001aak025
74HC2G32
74HCT2G32
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A


Similar Part No. - 74HC2G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2G32 PHILIPS-74HC2G32 Datasheet
88Kb / 19P
   Dual 2-input OR gate
2003 Oct 30
logo
Nexperia B.V. All right...
74HC2G32 NEXPERIA-74HC2G32 Datasheet
212Kb / 12P
   Dual 2-input OR gate
Rev. 6 - 8 February 2019
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
211Kb / 12P
   Dual 2-input OR gate
Rev. 3 - 8 February 2019
logo
NXP Semiconductors
74HC2G32DC PHILIPS-74HC2G32DC Datasheet
88Kb / 19P
   Dual 2-input OR gate
2003 Oct 30
More results

Similar Description - 74HC2G32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com