Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT2G32 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT2G32
Description  Dual 2-input OR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G32 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT2G32 Datasheet HTML 3Page - NXP Semiconductors 74HCT2G32 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G32 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G32 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G32 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G32 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G32 Datasheet HTML 9Page - NXP Semiconductors 74HCT2G32 Datasheet HTML 10Page - NXP Semiconductors 74HCT2G32 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74HC_HCT2G32_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 May 2009
7 of 13
NXP Semiconductors
74HC2G32; 74HCT2G32
Dual 2-input OR gate
Test data is given in Table 10.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 7.
Load circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 10.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
74HC2G32
GND to VCC
≤ 6 ns
50 pF
1 k
open
74HCT2G32
GND to 3 V
≤ 6 ns
50 pF
1 k
open


Similar Part No. - 74HCT2G32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G32 PHILIPS-74HCT2G32 Datasheet
88Kb / 19P
   Dual 2-input OR gate
2003 Oct 30
logo
Nexperia B.V. All right...
74HCT2G32 NEXPERIA-74HCT2G32 Datasheet
212Kb / 12P
   Dual 2-input OR gate
Rev. 6 - 8 February 2019
74HCT2G32-Q100 NEXPERIA-74HCT2G32-Q100 Datasheet
211Kb / 12P
   Dual 2-input OR gate
Rev. 3 - 8 February 2019
logo
NXP Semiconductors
74HCT2G32DC PHILIPS-74HCT2G32DC Datasheet
88Kb / 19P
   Dual 2-input OR gate
2003 Oct 30
logo
Nexperia B.V. All right...
74HCT2G32DC NEXPERIA-74HCT2G32DC Datasheet
212Kb / 12P
   Dual 2-input OR gate
Rev. 6 - 8 February 2019
More results

Similar Description - 74HCT2G32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com