Electronic Components Datasheet Search
Selected language     English  ▼


F-1915 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1915
Description  Surface Mount Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
8/16/96
F-1915
Pri. Ind.
DCR
Hi-Pot
Common Mode Attenuation (dB)
Part
OCL, Min. Max.
Min.
Number
(
µH )
(
Ω )
V
RMS
100k
1M
10M
30M
50M
100M
300M
500M
F-1915
21
0.35
500
6
19
28
34
35
36
34
29
Operating Temperature Range: 0 oC to +70 oC
Electrical Specifications at 25o C
Physical
Dimensions
inches (mm)
Surface Mount
Common Mode Choke
(3 Coils, 6 Lines)
Schematic
Diagram
DATA LINE PROTECTION APPLICATIONS
SUITABLE FOR BOTH LAN AND TELECOMUNICATIONS
FILTER COMMON AND DIFFERENTIAL MODE NOISE
EMI / RFI SUPPRESSION
FREQUENCY RANGE OF 100 - 500 MHz
HIGH CURRENT AND VOLTAGE ISOLATION
Parts shipped in anti-static tubes. 33 pieces per tube
Tape & Reel
Available
Surge Voltage Capability
Metallic Voltage: 800 V peak, 10/560
µS
Longitudinal Voltage: 2400 V peak, 10/700
µS
www.rhombus-ind.com




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl