Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G34 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC2G34
Description  Dual buffer gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G34 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC2G34 Datasheet HTML 5Page - NXP Semiconductors 74HC2G34 Datasheet HTML 6Page - NXP Semiconductors 74HC2G34 Datasheet HTML 7Page - NXP Semiconductors 74HC2G34 Datasheet HTML 8Page - NXP Semiconductors 74HC2G34 Datasheet HTML 9Page - NXP Semiconductors 74HC2G34 Datasheet HTML 10Page - NXP Semiconductors 74HC2G34 Datasheet HTML 11Page - NXP Semiconductors 74HC2G34 Datasheet HTML 12Page - NXP Semiconductors 74HC2G34 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74HC_HCT2G34_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
9 of 14
NXP Semiconductors
74HC2G34; 74HCT2G34
Dual buffer gate
Test data is given in Table 11.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6.
Load circuitry for switching times
mgk563
D.U.T
VCC
VCC
VI
VO
RT
RL = 1 kΩ
CL
50 pF
open
PULSE
GENERATOR
Table 11.
Test data
Type
Input
Test
VI
tr, tf
tPHL, tPLH
74HC2G34
GND to VCC
6 ns
open
74HCT2G34
GND to 3.0 V
6 ns
open


Similar Part No. - 74HC2G34

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC2G34 NEXPERIA-74HC2G34 Datasheet
225Kb / 13P
   Dual buffer gate
Rev. 2 - 3 February 2022
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
74HC2G34GV NEXPERIA-74HC2G34GV Datasheet
225Kb / 13P
   Dual buffer gate
Rev. 2 - 3 February 2022
74HC2G34GV-Q100 NEXPERIA-74HC2G34GV-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
74HC2G34GW NEXPERIA-74HC2G34GW Datasheet
225Kb / 13P
   Dual buffer gate
Rev. 2 - 3 February 2022
More results

Similar Description - 74HC2G34

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
[Old version datasheet]   DUAL BUFFER GATE
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
   DUAL BUFFER GATE
2004 Sep 10
logo
Nexperia B.V. All right...
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
   Dual buffer gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com