Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT2G126GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT2G126GD
Description  Dual buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G126GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT2G126GD Datasheet HTML 2Page - NXP Semiconductors 74HCT2G126GD Datasheet HTML 3Page - NXP Semiconductors 74HCT2G126GD Datasheet HTML 4Page - NXP Semiconductors 74HCT2G126GD Datasheet HTML 5Page - NXP Semiconductors 74HCT2G126GD Datasheet HTML 6Page - NXP Semiconductors 74HCT2G126GD Datasheet HTML 7Page - NXP Semiconductors 74HCT2G126GD Datasheet HTML 8Page - NXP Semiconductors 74HCT2G126GD Datasheet HTML 9Page - NXP Semiconductors 74HCT2G126GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74HC_HCT2G126_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 24 September 2009
6 of 14
NXP Semiconductors
74HC2G126; 74HCT2G126
Dual buffer/line driver; 3-state
[1]
All typical values are measured at Tamb = 25 °C.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
ten
enable time
nOE to nY; see Figure 7
[2]
VCC = 2.0 V
-
40
115
-
135
ns
VCC = 4.5 V
-
11
23
-
27
ns
VCC = 6.0 V
-
8
20
-
23
ns
tdis
disable time
nOE to nY; see Figure 7
[2]
VCC = 2.0 V
-
25
125
-
150
ns
VCC = 4.5 V
-
12
25
-
30
ns
VCC = 6.0 V
-
10
21
-
26
ns
tt
transition
time
nY; see Figure 6
[2]
VCC = 2.0 V
-
18
75
-
90
ns
VCC = 4.5 V
-
6
15
-
18
ns
VCC = 6.0 V
-
5
13
-
15
ns
CPD
power
dissipation
capacitance
per buffer; VI = GND to VCC
[3]
output enabled
-
11
-
-
-
pF
output disabled
-
1
-
-
-
pF
74HCT2G126
tpd
propagation
delay
nA to nY; see Figure 6
[2]
VCC = 4.5 V
-
15
30
-
36
ns
VCC = 5.0 V; CL =15pF
-
12
-
-
-
ns
ten
enable time
nOE to nY; see Figure 7;
VCC = 4.5 V
[2]
-
11
31
-
38
ns
tdis
disable time
nOE to nY; see Figure 7;
VCC = 4.5 V
[2]
-
11
35
-
42
ns
tt
transition
time
nY; see Figure 6; VCC = 4.5 V
[2]
-
6
15
-
18
ns
CPD
power
dissipation
capacitance
per buffer;
VI = GND to VCC − 1.5 V
[3]
output enabled
-
11
-
-
-
pF
output disabled
-
1
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 8.
Symbol Parameter
Conditions
Tamb = −40 °C to +85 °C Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max


Similar Part No. - 74HCT2G126GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G126 PHILIPS-74HCT2G126 Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
74HCT2G126DC PHILIPS-74HCT2G126DC Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
74HCT2G126DP PHILIPS-74HCT2G126DP Datasheet
91Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
More results

Similar Description - 74HCT2G126GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com