Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC3G14DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC3G14DP
Description  Triple inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC3G14DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC3G14DP Datasheet HTML 1Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 2Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 3Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 4Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 5Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 6Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 7Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 8Page - NXP Semiconductors 74HC3G14DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
74HC_HCT3G14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2009
3 of 18
NXP Semiconductors
74HC3G14; 74HCT3G14
Triple inverting Schmitt trigger
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
9.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8U package: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 6
data input
GND
4
ground (0 V)
1Y, 2Y, 3Y
7, 5, 2
data output
VCC
8
supply voltage
Table 4.
Function table[1]
Input
Output
nA
nY
LH
HL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to VCC + 0.5 V
[1] -
±25
mA
ICC
supply current
[1] -
+50
mA
IGND
ground current
[1]
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
[2] -
300
mW


Similar Part No. - 74HC3G14DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G14DP PHILIPS-74HC3G14DP Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Nexperia B.V. All right...
74HC3G14DP NEXPERIA-74HC3G14DP Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HC3G14DP-Q100 NEXPERIA-74HC3G14DP-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
74HC3G14DP-Q100 NEXPERIA-74HC3G14DP-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
More results

Similar Description - 74HC3G14DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com