Electronic Components Datasheet Search
Selected language     English  Ôľ╝


T-1041 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-1041
Description  Turns Ratio: 10 Turns : 3 Turns
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
75
┬ÁHy
Leakage Inductance
5
┬ÁHy
Interwinding Capacitance (C
W/W)
4
pF
Isolation (HI-POT)
2.3 Kv
VRMS
TEST CONDITIONS:
50 Khz @ 1V RMS
Parameters tested on 10 turn winding
Turns Ratio:
10 Turns : 3 Turns
PHYSICAL DIMENSIONS
All dimensions in inches (mm):
NOTE:
1) 18 AWG lead is Pin #2
2) Platform is .350 square
SCHEMATIC DIAGRAM:
Name:
Sheet:
Date: 7/15/95
Rhombus P/N: T-1041
Cust. P/N:
2
1
3
4
10 TURNS
3 TURNS




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl