Selected language     English  ā–¼


T-10151 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10151
Description  T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
12
3
5
7
8
10
14
13
12
1 OF 1
2/23/98
T-10151
SCHEMATIC DIAGRAM:
R
UL 1459 Recognized
File No. E150444
Primary Pins 1-3 & 10-8
Turns Ratio ( + 5% )
1CT:2CT & 1:1
PARAMETER
MIN.
MAX.
UNITS
OCL (Primary)
1.2
mH
Leakage Inductance
0.55
ĀµH
Capacitance (C
W/W
)30
pF
Primary DC Resistance
0.7
ohms
Secondary DC Resistance
1.0 & 0.7
ohms
ET Product
10
V
ĀµS
T1/CEPT/ISDN PRI
INTERFACE
TRANSFORMER
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
PHYSICAL DIMENSIONS
All dimensions in inches (mm):


0$;


0$;


0,1


 ',$

7<3
7<3
0$;


 $:*


Unused pins not provided
www.rhombus-ind.com
Parts shipped in anti-static
tubes. 33 pieces per tube
Surface mount version of this part
available. Part# T-11051




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl