Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC154BQ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC154BQ
Description  4-to-16 line decoder/demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC154BQ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC154BQ Datasheet HTML 7Page - NXP Semiconductors 74HC154BQ Datasheet HTML 8Page - NXP Semiconductors 74HC154BQ Datasheet HTML 9Page - NXP Semiconductors 74HC154BQ Datasheet HTML 10Page - NXP Semiconductors 74HC154BQ Datasheet HTML 11Page - NXP Semiconductors 74HC154BQ Datasheet HTML 12Page - NXP Semiconductors 74HC154BQ Datasheet HTML 13Page - NXP Semiconductors 74HC154BQ Datasheet HTML 14Page - NXP Semiconductors 74HC154BQ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74HC_HCT154_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 12 February 2007
11 of 21
NXP Semiconductors
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
11. Waveforms
Measurement points are given in Table 9.
Measurement points are given in Table 9.
Fig 7.
Propagation delay address input (An) to output
(Yn) and transition time output (Yn)
Fig 8.
Propagation delay enable input (En) to output
(Yn) and transition time output (Yn)
001aab073
tPLH
tPHL
tTLH
90 %
10 %
VM
tTHL
90 %
10 %
VM
VM
VM
An input
Yn output
GND
VI
VOH
VOL
001aab074
tTHL
90 %
10 %
En input
Yn output
GND
VI
VOH
VOL
tPHL
tPLH
VM
tTLH
90 %
10 %
VM
VM
VM
Table 9.
Measurement points
Type
Input
Output
VM
VM
74HC154
0.5VCC
0.5VCC
74HCT154
1.3 V
1.3 V


Similar Part No. - 74HC154BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC154BQ PHILIPS-74HC154BQ Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
Nexperia B.V. All right...
74HC154BQ NEXPERIA-74HC154BQ Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results

Similar Description - 74HC154BQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com