Electronic Components Datasheet Search |
|
LS21AA-2PG Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD. |
|
LS21AA-2PG Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD. |
2 / 2 page 99 ●絶対最大定格/Absolute Maximum Rating スイッチ部/Switch portion 12V 20mA LED部(UR、HRを除く)/LED portion (Except UR and HR) (Ta 25℃) ※IFP の条件は duty 1/10 、パルス巾 0.1msec です。 ※ Condition for IFP is pulse of 1/10 duty and 0.1msec width. Item Symbol Rating 許容損失 (mW) PD 65 Power dissipation 順電流 (mA) IF 25 Forward current パルス順電流 (mA) IFP 100※ Pulse forward current 逆電圧 (V) VR 5 Reverse voltage 使用温度範囲 (℃) −30 ∼ +80 Operating temperature range 保存温度範囲 (℃) −40 ∼ +90 Storage temperature range ルミスイッチLS20シリーズは操作用スイッ チとして次のような製品に使用できます。 TV、VTR、音響機器、車載用機器、通信 用機器、計測機器、ファクシミリ、電話 機、カーオーディオ製品等。 LUMISWITCH, LS20 series, can be used as a function control switch in the following applications. TV, VCR, audio equipment, automotive and telecommunication equipment, measuring instruments, facsimiles, telephone sets, car audio products etc. ●電気的・光学的・機械的特性/Electro-optical and Mechanical Characteristics スイッチ部/Switch portion (Ta 25℃) ① ② ⑤ ⑥ ③ ④ 3.1 1.0 φ4.6 φ4.4 7.0 ① ② ⑤ ⑥ ③ ④ 5.0 0.6 1.25 1.1 Light emitting center of left side 左側発光中心 ※UR,HRは極性が逆です。 ※Polarity is reversed on the UR and HR. ●外形寸法図/Outline drawing 1.6 2.0 2.4 2.8 VF(V) 50 30 10 5 1 3 100 IF-VF 特性 IF-VF Characteristics SR Y D R R D SR PG Y/G/FG SD Iv-Ta 特性 Iv-Ta Characteristics 500 200 100 50 20 -30 -20 0 20 40 60 80 100 T a (°C) G/PG/FG/SD G 1 2 3 5 10 20 50 50 20 10 5 3 1 2 0.5 IF( mA) Iv-IF 特性 Iv-IF Characteristics SD R FG PG Y SR R D Y -30 -20 0 20 40 60 80 100 2.6 2.4 2.2 2.0 1.6 1.8 VF-Ta 特性 VF-Ta Characteristics T a (°C) G/FG/PG SD SR 120 20 40 60 80 100 50 ° 60 ° 70 ° 80 ° 90 ° 50 ° 60 ° 70 ° 80 ° 90 ° 40 ° 30° 20° 10° 0° 10° 20° 30° 40 ° 指向特性 Directive Characteristics 0 0 - 30 - 20 0 20 40 60 80 100 30 25 20 15 5 10 IFmax-Ta 特性 IFmax-Ta Characteristics 単位/Unit : mm LS21BBタイプ/LS21BB type 推奨はんだ付けパターン The following soldering patterns are recommended for reflow-soldering: リフローはんだ用 For reflow soldering 1.0 1.0 1.0 2.0 0.6 0.5 0.95 0.95 1.0 2.0 2.0 LED部以外はLS21BB、LS20BBに共通。 Same as for LS21BB and LS20BB except for LED portion. ※鉛フリー用リフロー温度プロファイルには対応しておりません。 The reflow temperature profile for lead-free is not supported. ■ 用途/ Application ■ 諸特性/Characteristics 回路図 Circuit diagram Item スイッチ作動力/Switch operating force 1.18N 1.76N 2.35N 最大定格/Maximum rating DC12V 20mA 接触抵抗/Contact resistance 100mΩ以下/100mΩ or less 絶縁抵抗/Insulation resistance 100MΩ以上/100MΩ or more 耐電圧/Withstanding voltage AC250V 1分間/AC250V for one minute バウンス/Bounce 20ms以下/20ms or less ストローク/Stroke 0.25mm 作動力/Operating force 1.18±0.39N 1.76±0.49N 2.35±0.59N 動作寿命/Operating life (times) 10万回以上/100,000 or more 5万回以上/50,000 or more 3万回以上/30,000 or more R赤/Red 20 2.2 2.6 700 100 20 0.7 1.5 D橙/Orange 20 2.2 2.6 605 40 20 2.9 8.2 標準輝度 Y黄/Yellow 20 2.1 2.6 589 40 20 3.1 7.3 Standard YG 黄緑/Yellow green 20 2.2 2.6 570 30 20 5.0 17.3 brightness G緑/Green 20 2.2 2.6 567 26 20 2.4 9.4 FG 新緑/Fresh green 20 2.2 2.6 560 26 20 2.0 5.8 PG 純緑/Pure green 20 2.2 2.6 557 24 20 0.8 2.2 SR 赤/Red 20 2.0 2.6 650 40 20 1.9 5.2 高輝度 Super brightness SD 橙/Orange 20 2.0 2.6 630 40 20 1.5 8.1 超高輝度 UR 赤/Red 20 1.8 2.6 660 20 20 4.0 14.3 Ultra brightness 超高輝度 HR 赤/Red 20 1.8 2.6 660 20 20 8.6 28.6 High brightness Lighting color VF λP Δλ IV※ IF typ max typ typ IF min typ (mA) (V) (V) (nm) (nm) (mA) (mcd) (mcd) ※NIST 規格に準拠 ※ Per NIST standards LED部/LED portion (Ta 25℃) Brightness |
Similar Part No. - LS21AA-2PG |
|
Similar Description - LS21AA-2PG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |