Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-14175 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-14175
Description  T1/CEPT/ISDN PRI Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14175 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-14175 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
Name:
Sheet:
Date:
Rhombus P/N:
Cust. P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
ww.rhombus-ind.com
FSCM No. 16714
PHYSICAL DIMENSIONS
inches (mm)
1 of 1
03/10/99
T-14175
T1/CEPT/ISDN PRI Interface Transformer
PairGain
Schematic Diagram
T2
T1
PARAMETER
MIN.
MAX.
UNITS
OCL (Primary)
1.2
mH
Leakage Inductance
0.4
µH
Capacitance (C
W/W)30
pF
Primary DC Resistance
0.7
Ohms
Secondary DC Resistance
1.2 & 1.0
Ohms
Operating Temp Range
-40
+85
0C
Turns Ratio ( + 3% )
1:2CT (T1) & 1:1.36CT (T2)
Electrical Specifications @ 250C
Primary Pins 16-14 & 6-8
Isolation 2000 V
RMS Min.
Flammability: Materials used in
the production of these units meet
requirements of UL94-VO and IEC
695-2-2 needle flame test.
Parts shipped in anti-static
tubes. 33 pieces per tube
Tape & Reel Available.
Secondary
Primary
Primary
Secondary
9
12
16
15
7
15
13
10
4
28
3
14
11
6


Similar Part No. - T-14175

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1417 RHOMBUS-IND-T-1417 Datasheet
17Kb / 1P
   Transformer
T-14170 RHOMBUS-IND-T-14170 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14172 RHOMBUS-IND-T-14172 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14173 RHOMBUS-IND-T-14173 Datasheet
27Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14176 RHOMBUS-IND-T-14176 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
More results

Similar Description - T-14175

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14404 RHOMBUS-IND-T-14404 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-10151 RHOMBUS-IND-T-10151 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14119 RHOMBUS-IND-T-14119 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14187 RHOMBUS-IND-T-14187 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14107 RHOMBUS-IND-T-14107 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14110 RHOMBUS-IND-T-14110 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14505 RHOMBUS-IND-T-14505 Datasheet
24Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15801G RHOMBUS-IND-T-15801G Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15808 RHOMBUS-IND-T-15808 Datasheet
25Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15808G RHOMBUS-IND-T-15808G Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15810 RHOMBUS-IND-T-15810 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com