Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC165D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC165D
Description  8-bit parallel-in/serial out shift register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC165D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC165D Datasheet HTML 1Page - NXP Semiconductors 74HC165D Datasheet HTML 2Page - NXP Semiconductors 74HC165D Datasheet HTML 3Page - NXP Semiconductors 74HC165D Datasheet HTML 4Page - NXP Semiconductors 74HC165D Datasheet HTML 5Page - NXP Semiconductors 74HC165D Datasheet HTML 6Page - NXP Semiconductors 74HC165D Datasheet HTML 7Page - NXP Semiconductors 74HC165D Datasheet HTML 8Page - NXP Semiconductors 74HC165D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
74HC_HCT165_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 March 2008
4 of 22
NXP Semiconductors
74HC165; 74HCT165
8-bit parallel-in/serial out shift register
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition;
L = LOW voltage level;
l = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition;
q = state of the referenced output one set-up time prior to the LOW-to-HIGH clock transition;
X = don’t care;
↑ = LOW-to-HIGH clock transition.
Table 2.
Pin description
Symbol
Pin
Description
PL
1
asynchronous parallel load input (active LOW)
CP
2
clock input (LOW-to-HIGH edge-triggered)
Q7
7
complementary output from the last stage
GND
8
ground (0 V)
Q7
9
serial output from the last stage
DS
10
serial data input
D0 to D7
11, 12, 13, 14, 3, 4, 5, 6
parallel data inputs (also referred to as Dn)
CE
15
clock enable input (active LOW)
VCC
16
positive supply voltage
Table 3.
Function table[1]
Operating modes
Inputs
Qn registers
Outputs
PL
CE
CP
DS
D0 to D7
Q0
Q1 to Q6 Q7
Q7
parallel load
L
XXXL
L
L to L
L
H
L
XXXH
H
H to H
H
L
serial shift
H
L
l
X
L
q0 to q5
q6
q6
HL
h
X
H
q0 to q5
q6
q6
H
L
l
X
L
q0 to q5
q6
q6
H
L
h
X
H
q0 to q5
q6
q6
hold “do nothing”
H
H
X
X
X
q0
q1 to q6
q7
q7
H
X
H
X
X
q0
q1 to q6
q7
q7


Similar Part No. - 74HC165D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC165D PHILIPS-74HC165D Datasheet
73Kb / 10P
   8-bit parallel-in/serial-out shift register
December 1990
logo
Toshiba Semiconductor
74HC165D TOSHIBA-74HC165D Datasheet
257Kb / 14P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-10 Rev.3.0
logo
Nexperia B.V. All right...
74HC165D NEXPERIA-74HC165D Datasheet
295Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 7 - 1 September 2021
74HC165D-Q100 NEXPERIA-74HC165D-Q100 Datasheet
260Kb / 21P
   8-bit parallel-in/serial out shift register
74HC165D-Q100 NEXPERIA-74HC165D-Q100 Datasheet
282Kb / 18P
   8-bit parallel-in/serial out shift register
Rev. 3 - 23 April 2020
More results

Similar Description - 74HC165D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com