Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT253N Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT253N
Description  Dual 4-input multiplexer; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT253N Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT253N Datasheet HTML 1Page - NXP Semiconductors 74HCT253N Datasheet HTML 2Page - NXP Semiconductors 74HCT253N Datasheet HTML 3Page - NXP Semiconductors 74HCT253N Datasheet HTML 4Page - NXP Semiconductors 74HCT253N Datasheet HTML 5Page - NXP Semiconductors 74HCT253N Datasheet HTML 6Page - NXP Semiconductors 74HCT253N Datasheet HTML 7Page - NXP Semiconductors 74HCT253N Datasheet HTML 8Page - NXP Semiconductors 74HCT253N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74HC_HCT253_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 22 April 2010
4 of 17
NXP Semiconductors
74HC253; 74HCT253
Dual 4-input multiplexer; 3-state
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
8.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
1OE, 2OE
1, 15
output enable inputs (active LOW)
S0, S1
14, 2
data select inputs
1I0, 1I1, 1I2, 1I3
6, 5, 4, 3
data inputs source 1
1Y
7
multiplexer output source 1
GND
8
ground (0 V)
2Y
9
multiplexer output source 2
2I0, 2I1, 2I2, 2I3
10, 11, 12, 13
data inputs source 2
VCC
16
supply voltage
Table 3.
Function table[1]
select Inputs
data inputs
output enable
output
S0
S1
nI0
nI1
nI2
nI3
nOE
nY
X
X
XXXXH
Z
L
L
L
XXXL
L
L
L
H
XXXL
H
H
L
XL
XXL
L
H
L
XH
XXL
H
L
H
XXL
XL
L
L
H
XXH
XL
H
H
H
XXXL
L
L
H
H
XXXH
L
H
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC +0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC +0.5 V
[1] -
±50
mA
IO
output current
−0.5 V < V
O < VCC +0.5 V
-
±35
mA
ICC
supply current
-
70
mA
IGND
ground current
−70
-
mA
Tstg
storage temperature
−65
+150
°C


Similar Part No. - 74HCT253N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT253N PHILIPS-74HCT253N Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
More results

Similar Description - 74HCT253N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
   Dual 4-input multiplexer; 3-state
December 1990
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
   Dual 4-input multiplexer 3-State
1996 Jan 05
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
   Dual 4-bit input multiplexer 3-State
1988 Nov 29
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com