Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC3257G Datasheet(PDF) 2 Page - Micronas

Part # CDC3257G
Description  CDC 3257G ARM7-Based Car Dashboard Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CDC3257G Datasheet(HTML) 2 Page - Micronas

  CDC3257G Datasheet HTML 1Page - Micronas CDC3257G Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT INFORMATION
CDC 3257G
May/2005
All information and data contained in this product information are without any commitment, are not to be consid-
ered as an offer for conclusion of a contract, nor shall they be construed as to create any liability. Product or
development sample availability and delivery are exclusively subject to our respective order confirmation form. By
this publication, Micronas GmbH does not assume responsibility for patent infringements or other rights of third
parties which may result from its use.
Micronas GmbH
⋅ Hans-Bunte-Strasse 19 ⋅ D-79108 Freiburg (Germany) ⋅ P.O. Box 840 ⋅ D-79008 Freiburg (Germany)
Tel. +49-761-517-0
⋅ Fax +49-761-517-2174 ⋅ E-mail: docservice@micronas.com ⋅ www.micronas.com
No part of this publication may be reproduced, photo-
copied, stored on a retrieval system, or transmitted
without the express written consent of Micronas GmbH.
Edition May 18, 2005; Order No. 6251-634-1PI
JTAG
Probe
EVB
JTAG
JTAG
ETM
Trace Probe
Logic Analyzer
Development Tools
Evaluation chip CDC 3205G featuring
– ETM via embedded emulation JTAG
– ROM/ Flash emulation with external
SRAM (up to 8 MBytes)
Evaluation Board (EVB) including the
CDC 3205G for evaluation and debug-
ging of embedded systems
Application Board (APB) for Flash mem-
ory programming
Probe for PQFP128
Software environment (compiler, linker,
assembler) from 3rd party vendors
RTOS from 3rd party vendors
CAN protocol stacks
System Architecture
The Car Dashboard Controller CDC 3257G
contains an embedded ARM7TDMI proces-
sor which operates at a maximum clock fre-
quency of 50 MHz.
The internal high-speed bus connects the
following peripherals to the ARM7TDMI pro-
cessor:
ICU (Interrupt Control Unit)
SRAM
DMA
The 16/32-bit bus connects to Flash and
boot ROM. All other peripherals are con-
nected to the I/O bus. All I/O ports have
multiple functions to obtain utmost flexibility.
A total of 102 GPIOs can be selected.
The built-in ERM delivers superb EMI
results reducing the peak values by up to
10 dB
µV.
The CDC 3257G is fully pin- and software-
compatible with all other members of the
CDC 32xxG family.
Fig. 2: Block diagram of the CDC 3257G
VREFINT
VREF
AVDD
AVSS
BVDD
UARTS
2
× UART
UARTS
2
× SPI
UARTS
2
× CAN
UARTS
DIGITBus
UARTS
2
× I²C Bus
UARTS
LCD Control
UARTS
Audio Module
UARTS
Clock Out 0,1
UARTS
16-Bit CCC 0
UARTS
UARTS
16-Bit CCC 1
UARTS
10-Bit ADC
ARM7TDMI
CPU
DMA Contr.
40-Input
Interrupt Controller
12 KB SRAM
256 KB Flash
8 KB Boot ROM
Bridge
Bus Controller
P0.6 Comp
Wait Comp
VDD
VSS
UVDD
UVSS
FVDD
FVSS
3.3-V Reg.
2.5-V Reg.
2.5-V Reg.
7
× Stepper Motor
Module
UARTS
1
× 16-Bit Timer
UARTS
4
× 8-Bit Timer
UARTS
6
× 8/16-Bit PWM
18
52
32
CAPCOM 0,1,2,3
CAPCOM 4,5
Bandgap Ref.
PFM 0/1
Patch Module
JTAG Interface
Test / Debug
Reset
Test
Watchdog Clock
PLL/ERM
RTC
Power Saving
Fig. 1: Development tool setup


Similar Part No. - CDC3257G

ManufacturerPart #DatasheetDescription
logo
Micronas
CDC3207G MICRONAS-CDC3207G Datasheet
286Kb / 2P
   CDC 3207G ARM7-Based Car Dashboard Controller
CDC3217G MICRONAS-CDC3217G Datasheet
286Kb / 2P
   CDC 3217G ARM7-Based Car Dashboard Controller
CDC3231G MICRONAS-CDC3231G Datasheet
285Kb / 2P
   CDC 3231G ARM7-Based Car Dashboard Controller
CDC3272G MICRONAS-CDC3272G Datasheet
285Kb / 2P
   ARM7-Based Car Dashboard Controller
logo
Texas Instruments
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results

Similar Description - CDC3257G

ManufacturerPart #DatasheetDescription
logo
Micronas
CDC3207G MICRONAS-CDC3207G Datasheet
286Kb / 2P
   CDC 3207G ARM7-Based Car Dashboard Controller
CDC3231G MICRONAS-CDC3231G Datasheet
285Kb / 2P
   CDC 3231G ARM7-Based Car Dashboard Controller
CDC3217G MICRONAS-CDC3217G Datasheet
286Kb / 2P
   CDC 3217G ARM7-Based Car Dashboard Controller
CDC3272G MICRONAS-CDC3272G Datasheet
285Kb / 2P
   ARM7-Based Car Dashboard Controller
CEA3207A MICRONAS-CEA3207A Datasheet
391Kb / 2P
   ARM7-Based Car Entertainment Controller
logo
Panasonic Semiconductor
AN8353UB PANASONIC-AN8353UB Datasheet
50Kb / 4P
   High Efficiency Car Dashboard Dimmer IC
logo
NXP Semiconductors
LPC214X NXP-LPC214X Datasheet
258Kb / 2P
   ARM7-based microcontrollers with full-speed USB 2.0
January 2007
logo
OSRAM GmbH
LPP47F OSRAM-LPP47F Datasheet
586Kb / 22P
   Dashboard Backlighting
logo
Micronas
CDC1631F-E MICRONAS-CDC1631F-E Datasheet
204Kb / 2P
   CDC 1631F-E 16-Bit Automotive CAN Controller
CDC1651F-E MICRONAS-CDC1651F-E Datasheet
204Kb / 2P
   CDC 1651F-E 16-Bit Automotive CAN Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com