Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT299N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT299N
Description  8-bit universal shift register; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT299N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT299N Datasheet HTML 5Page - NXP Semiconductors 74HCT299N Datasheet HTML 6Page - NXP Semiconductors 74HCT299N Datasheet HTML 7Page - NXP Semiconductors 74HCT299N Datasheet HTML 8Page - NXP Semiconductors 74HCT299N Datasheet HTML 9Page - NXP Semiconductors 74HCT299N Datasheet HTML 10Page - NXP Semiconductors 74HCT299N Datasheet HTML 11Page - NXP Semiconductors 74HCT299N Datasheet HTML 12Page - NXP Semiconductors 74HCT299N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
74HC_HCT299_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 July 2008
9 of 24
NXP Semiconductors
74HC299; 74HCT299
8-bit universal shift register; 3-state
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
all outputs
IO = −20 µA
4.4
4.5
-
4.4
-
4.4
-
V
standard outputs
IO = −4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
bus driver outputs
IO = −6.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
all outputs
IO = 20 µA
-
0
0.1
-
0.1
-
0.1
V
standard outputs
IO = 4.0 mA
-
0.15
0.26
-
0.33
-
0.4
V
bus driver outputs
IO = 6.0 mA
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC = 5.5 V
--
±0.1
-
±1.0
-
±1.0 µA
IOZ
OFF-state output
current
VI =VIH or VIL;VO =VCC or
GND per input pin; other
inputs at VCC or GND;
IO = 0 A; VCC = 5.5 V
--
±0.5
-
±5.0
-
±10.0 µA
ICC
supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
8.0
-
80
-
160
µA
∆ICC
additional supply
current
per input pin;
VI =VCC − 2.1 V;
other inputs at VCC or
GND; IO =0A;
VCC = 4.5 V to 5.5 V
I/On, DSR, DSL, MR
and S1
-
25
90
-
112.5
-
122.5
µA
CP, S0
-
60
216
-
270
-
294
µA
OEn
-
30
108
-
135
-
147
µA
CI
input capacitance
-
3.5
-
-
-
-
-
pF
CI/O
input/output
capacitance
-
10
-
----
pF
CPD
power dissipation
capacitance
per package
[1]
-
125
-----
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
25
°C
−40 °C to
+85
°C
−40 °C to
+125
°C
Unit
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - 74HCT299N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT299N PHILIPS-74HCT299N Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
More results

Similar Description - 74HCT299N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
   8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
logo
NXP Semiconductors
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
logo
SHENZHEN FUMAN ELECTRON...
74HC595D FUMAN-74HC595D Datasheet
523Kb / 8P
   3-state 8-bit shift register
logo
Hitachi Semiconductor
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com